Electronic Components Datasheet Search
  English  ▼

X  

AH285 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH285
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH285 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH285 Datasheet HTML 1Page - Diodes Incorporated AH285 Datasheet HTML 2Page - Diodes Incorporated AH285 Datasheet HTML 3Page - Diodes Incorporated AH285 Datasheet HTML 4Page - Diodes Incorporated AH285 Datasheet HTML 5Page - Diodes Incorporated AH285 Datasheet HTML 6Page - Diodes Incorporated AH285 Datasheet HTML 7Page - Diodes Incorporated AH285 Datasheet HTML 8Page - Diodes Incorporated AH285 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH285
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285
Document number: DS31029 Rev. 8 - 2
1 of 9
www.diodes.com
June 2010
© Diodes Incorporated
Description
The AH285 is a single-chip solution for driving two-coil
brushless direct current (BLDC) fans and motors. The device
includes a Hall-effect sensor, dynamic offset correction and
two complementary open-drain output drivers with internal
Zener diode protection.
To help protect the motor coils, the AH285 provides Rotor
Lock Protection which shuts down output drives if rotor lock is
detected. The device automatically re-starts when the rotor
lock is removed.
A Tachometer output is provided by open-drain Frequency
Generator (FG) Pin which allows external interface to monitor
motor rotation or speed. The FG output is the magnetic
change frequency.
The AH285 is available in SOT89-5L package.
Features
•
Single-chip solution
•
Operating Voltage: 3.8V to 20V
•
Built-in Hall sensor and input amplifier
•
Tachometer (FG) output
•
Rotor Lock Protection (Lock detection, output shutdown
and automatic re-start)
•
Built-in Zener protection for output driver
•
Average output current up to 500mA
•
Packaged in SOT89-5L
•
Green Molding Compound
Pin Assignments
1
2
3
74
5
DOB
DO
GND
FG
Vdd
SOT89-5L
285
(Top View)
Applications
•
Two-coil BLDC cooling fans
•
Low to medium voltage, low power BLDC motors
Typical Application Circuit
285
1
3
2
Vdd (12V)
Coil2
Coil1
Rpu
FG
D2
D1
C3
5
4
GND
D3
R1
C1
R2
C2
12V DC Brush-less Fan with FG output function
Notes:
1. Typically it is recommended to us a 56 Ohm resistor for R1 and R2 and a 2.2
μF E-Cap capacitor for C1, C2 and C3. These values
may need to be optimized depending on the coils used.
To help with IC protection it’s advised to add a Zener diode between Vdd and ground. The Zener diode should be chosen to help
prevent the supply voltage exceeding the maximum rating of the device.


Similar Part No. - AH285

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH285-PL ANACHIP-AH285-PL Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
AH285-PLA ANACHIP-AH285-PLA Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
AH285-WL ANACHIP-AH285-WL Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
More results

Similar Description - AH285

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
AH286 ANACHIP-AH286 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
logo
Anachip Corp
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
Hall-Effect Smart Fan Motor Controller
Rev. 0.2 Jan 19, 2005
logo
Diodes Incorporated
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com