Electronic Components Datasheet Search
  English  ▼

X  

AH289 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH289
Description  HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH289 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH289 Datasheet HTML 1Page - Diodes Incorporated AH289 Datasheet HTML 2Page - Diodes Incorporated AH289 Datasheet HTML 3Page - Diodes Incorporated AH289 Datasheet HTML 4Page - Diodes Incorporated AH289 Datasheet HTML 5Page - Diodes Incorporated AH289 Datasheet HTML 6Page - Diodes Incorporated AH289 Datasheet HTML 7Page - Diodes Incorporated AH289 Datasheet HTML 8Page - Diodes Incorporated AH289 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AH289
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH289 Rev. 11
2 of 9
APRIL 2010
DS31052
www.diodes.com
© Diodes Incorporated
Ordering Information
AH289 - Y L - 13
Packing
Package
Lead Free
L : Lead Free (Note 1)
Y : SOT89-5L
13 : Tape & Reel
G : Green
Device
Package
Code
Packaging
(Note 3)
13” Tape and Reel
Quantity
Part Number Suffix
AH289-YL-13
Y
SOT89-5L
2500/Tape & Reel
-13
AH289-YG-13
Y
SOT89-5L
2500/Tape & Reel
-13
Notes:
1. AH289-YL-13 will be replaced by AH289-YG-13
2. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
4. Reverse taping as shown on Diodes Inc. Surface Mount (SMD) Packaging document AP02007, which can be found on our website
http://www.diodes.com/datasheets/ap02007.pdf.
1
2
3
7
4
5
DOB
DO
GND
RD
Vdd
SOT89-5L
289
( Top View )
Pin Name
Pin No.
Description
Vdd
1
Input power
GND
2
Ground
DO
3
Output pin
DOB
4
Output pin
RD
5
Rotor-State Detection
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com