Electronic Components Datasheet Search
  English  ▼

X  

AH291 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH291
Description  LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH291 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH291 Datasheet HTML 1Page - Diodes Incorporated AH291 Datasheet HTML 2Page - Diodes Incorporated AH291 Datasheet HTML 3Page - Diodes Incorporated AH291 Datasheet HTML 4Page - Diodes Incorporated AH291 Datasheet HTML 5Page - Diodes Incorporated AH291 Datasheet HTML 6Page - Diodes Incorporated AH291 Datasheet HTML 7Page - Diodes Incorporated AH291 Datasheet HTML 8Page - Diodes Incorporated AH291 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AH291
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH291
Document number: DS31041 Rev. 8 - 2
3 of 9
www.diodes.com
June 2010
© Diodes Incorporated
Absolute Maximum Ratings (TA = 25°C)
Symbol
Characteristics
Rating
Unit
Vdd
Operating Supply Voltage
8
V
IO
Output Current
IO(AVE)
SIP-4L
400
mA
SOT89-5L
400
mA
IO(PEAK)
700
mA
PD
Power Dissipation
SIP-4L
550
mW
SOT89-5L
800
mW
TST
Storage Temperature
-55 ~ 150
°C
TJ
Maximum Junction Temperature
150
°C
Recommended Operating Conditions
Symbol
Characteristic
Conditions
Min
Max
Unit
Vdd
Supply Voltage (Note 2)
Operating
1.8
5.75
V
TA
Operating Ambient Temperature
Operating
-20
100
°C
Notes:
2. The output of IC will be switched after the supply voltage is over 1.8V, but the magnetic characteristics won't be normal until the
supply is over 2.0V.
Electrical Characteristics (TA = 25 °C, Vdd = 5V, unless otherwise specified)
Symbol
Characteristics
Conditions
Min
Typ.
Max
Unit
Idd
Supply Current
Operating
-
2.6
4.0
mA
TRLP-ON
Rotor Lock Protection On Time
-
0.4
-
Sec
TRLP-OFF
Rotor Lock Protection Off Time
2.4
3
3.6
Sec
)
SAT
(
OUT
V
Output Saturation Voltage
IO = 180mA
-
300
-
mV
IO = 350mA
-
600
-
mV
RDS(ON)
Output On Resistance
-
1.75
-
ohm
Vz
Output Zener-Breakdown Voltage
-
15
-
V
Truth Table
IN-
IN+
CT
OUT1
OUT2
Mode
H
L
L
H
L
Rotating
L
H
L
L
H
Rotating
-
-
H
off
off
Lockup protection activated



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com