Electronic Components Datasheet Search
  English  ▼

X  

LPC2470 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2470
Description  Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2470 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2470 Datasheet HTML 1Page - NXP Semiconductors LPC2470 Datasheet HTML 2Page - NXP Semiconductors LPC2470 Datasheet HTML 3Page - NXP Semiconductors LPC2470 Datasheet HTML 4Page - NXP Semiconductors LPC2470 Datasheet HTML 5Page - NXP Semiconductors LPC2470 Datasheet HTML 6Page - NXP Semiconductors LPC2470 Datasheet HTML 7Page - NXP Semiconductors LPC2470 Datasheet HTML 8Page - NXP Semiconductors LPC2470 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
LPC2470
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 14 February 2011
3 of 89
NXP Semiconductors
LPC2470
Flashless 16-bit/32-bit microcontroller
Each peripheral has its own clock divider for further power saving. These dividers help
reduce active power by 20 % to 30 %.
Brownout detect with separate thresholds for interrupt and forced reset.
On-chip power-on reset.
On-chip crystal oscillator with an operating range of 1 MHz to 25 MHz.
On-chip PLL allows CPU operation up to the maximum CPU rate without the need for
a high frequency crystal. May be run from the main oscillator, the internal RC oscillator,
or the RTC oscillator.
Boundary scan for simplified board testing.
Versatile pin function selections allow more possibilities for using on-chip peripheral
functions.
Standard ARM test/debug interface for compatibility with existing tools.
Emulation trace module supports real-time trace.
3.
Applications
Industrial control
Medical systems
Portable electronics
Point-of-Sale (POS) equipment
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2470FBD208 LQFP208
plastic low profile quad flat package; 208 leads; body 28
× 28 × 1.4 mm
SOT459-1
LPC2470FET208
TFBGA208 plastic thin fine-pitch ball grid array package; 208 balls;
body 15
× 15 × 0.7 mm
SOT950-1
Table 2.
Ordering options
Type number
Flash
(kB)
SRAM (kB)
External bus Ethernet
USB
OTG/
OHCI/
device
+ 4 kB
FIFO
SD/
MMC
GP
DMA
Temp range
LPC2470FBD208
n/a
64 16 16 2
98 Full 32-bit
MII/RMII
yes
2
yes
yes
8
1
−40 °C to
+85
°C
LPC2470FET208
n/a
64 16 16 2
98 Full 32-bit
MII/RMII
yes
2
yes
yes
8
1
−40 °C to
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com