Electronic Components Datasheet Search
  English  ▼

X  

PCA9525DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9525DP
Description  Simple 2-wire bus buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9525DP Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9525DP Datasheet HTML 1Page - NXP Semiconductors PCA9525DP Datasheet HTML 2Page - NXP Semiconductors PCA9525DP Datasheet HTML 3Page - NXP Semiconductors PCA9525DP Datasheet HTML 4Page - NXP Semiconductors PCA9525DP Datasheet HTML 5Page - NXP Semiconductors PCA9525DP Datasheet HTML 6Page - NXP Semiconductors PCA9525DP Datasheet HTML 7Page - NXP Semiconductors PCA9525DP Datasheet HTML 8Page - NXP Semiconductors PCA9525DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PCA9525
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2011
5 of 22
NXP Semiconductors
PCA9525
Simple 2-wire bus buffer
8.
Limiting values
[1]
Voltages are specified with respect to pin 4 (VSS).
9.
Characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
[1]
−0.3
+7
V
Vn
voltage on any other pin
[1] VSS − 0.5 VDD + 0.5 V
II/O
input/output current
any pin
-
20
mA
Ptot
total power dissipation
-
300
mW
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
operating
−40
+85
°C
Table 4.
Characteristics
Tamb = −40 °C to +85 °C; voltages are specified with respect to ground (VSS); VDD = 5.5 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power supply
VDD
supply voltage
operating
2.7
-
5.5
V
IDD
supply current
quiescent; VDD =VI(EN) = 5.5 V
--1
μA
SCL_IN, SDA_IN = 800 kHz;
VDD =5.5 V
[1] -170
-
μA
Buffer ports (SDA_IN, SCL_IN, SDA_OUT, SCL_OUT)
VI2C-bus
I2C-bus voltage
-
-
VDD +0.3
V
VIL
LOW-level input voltage
VDD =2.7 V
[2] --0.4
V
VDD =5.5 V
[2] --0.5
V
VIH
HIGH-level input voltage
VDD =2.7 V
[2] 1.2
-
-
V
VDD =5.5 V
[2] 2.0
-
-
V
VI(hys)
hysteresis of input voltage
VDD =2.7 V
[2] 80
-
-
mV
VDD =5.5 V
[2] 200
-
-
mV
ILI
input leakage current
VI2C-bus =VDD or GND
−1-
+1
μA
IO(sink)
output sink current
LOW-level; VI2C-bus <VIL
4-
-
mA
VOL
LOW-level output voltage
IOL =4 mA
-
80
300
mV
IOL = 100 μA-
3
-
mV
Pins SDA_IN, SDA_OUT
Vlock
direction lock voltage
VDD =2.7 V
[2] --1.3
V
VDD =5.5 V
[2] --3.0
V
Vunlock
direction unlock voltage
VDD =2.7 V
[2] 2.0
-
-
V
VDD =5.5 V
[2] 4.8
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com