Electronic Components Datasheet Search
  English  ▼

X  

MBRI30100CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRI30100CT
Description  30.0Amps Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRI30100CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRI30100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRI30100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High Surge capability
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
I(AV)
A
IFSM
A
VF
V
IR
mA
mA
dV/dt
V/uS
RθJC
OC/W
TJ
OC
TSTG
OC
Note2: Thermal Resistance from Junction to Case Per Leg
Guarding for over voltage protection
Features
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Maximum Thermal Resistance Per Leg (Note 2)
Maximum Instantaneous Forward Voltage at
IF = 15A, Ta=25℃
IF = 15A, Ta=125℃
IF = 30A, Ta=25℃
IF = 30A, Ta=125℃
MBRI30100CT = Specific Device Code
30
MBRI30100CT
Note1: Pulse Test : 300us Pulse Width, 1% Duty cycle
-65 to + 175
10,000
200
-65 to + 150
100
70
Voltage rate of change (Rated VR)
MBRI30100CT
I
2PAK
Version:A10
Y
= Year
100
30.0Amps Surface Mount Schottky Barrier Rectifier
Operating Temperature Range
Storage Temperature Range
1.5
Maximum Reverse Current (Note 1)
Ta=25 ℃
Ta=125 ℃
Type Number
Case: JEDEC I
2PAK molded plastic
Terminals: Leads solderable per MIL-STD-750, Method 2026
Polarity: As marked
Maximum Ratings and Electrical Characteristics
0.84
0.70
0.94
0.82
0.2
7.5
Mechanical Data
Mounting position: Any
Maximum Average Forward Rectified Current
@Tc = 130℃(Total Device)
Maximum DC blocking voltage
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
Maximum RMS Voltage
Maximum Repetitive Peak Reverse Voltage
WW
= Work Week
G
= Green compound
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Weight: 1.41 grams
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
High temperature soldering guaranteed: 260 ℃/
10 seconds at terminals
Marking Diagram
Dimensions in inches and (millimeters)
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRI30100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRI30100CT TSC-MBRI30100CT Datasheet
142Kb / 2P
30.0AMPS Schottky Barrier Rectifier
MBRI30100CT TSC-MBRI30100CT Datasheet
248Kb / 4P
Dual Common Cathode Schottky Rectifier
MBRI30100CT TSC-MBRI30100CT_11 Datasheet
142Kb / 2P
30.0AMPS Schottky Barrier Rectifier
MBRI30100CT TSC-MBRI30100CT_14 Datasheet
248Kb / 4P
Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRI30100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF3080CT TSC-MBRF3080CT Datasheet
253Kb / 2P
Isolated 30.0AMPS Schottky Barrier Rectifier
MBR30H100CT TSC-MBR30H100CT Datasheet
128Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_11 Datasheet
133Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
MBRF30L45CT TSC-MBRF30L45CT_11 Datasheet
252Kb / 2P
30.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBRI30100CT TSC-MBRI30100CT_11 Datasheet
142Kb / 2P
30.0AMPS Schottky Barrier Rectifier
MBRS30H45CT TSC-MBRS30H45CT_11 Datasheet
133Kb / 2P
30.0AMPS Surface Mount Schottky Barrier Rectifier
MBRS3045CT TSC-MBRS3045CT_11 Datasheet
128Kb / 2P
30.0AMPS Surface Mount Schottky Barrier Rectifier
MBR3035CT TSC-MBR3035CT_11 Datasheet
218Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_13 Datasheet
234Kb / 3P
30.0AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT_13 Datasheet
246Kb / 3P
30.0AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com