Electronic Components Datasheet Search
  English  ▼

X  

AD8124 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8124
Description  Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8124 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8124 Datasheet HTML 8Page - Analog Devices AD8124 Datasheet HTML 9Page - Analog Devices AD8124 Datasheet HTML 10Page - Analog Devices AD8124 Datasheet HTML 11Page - Analog Devices AD8124 Datasheet HTML 12Page - Analog Devices AD8124 Datasheet HTML 13Page - Analog Devices AD8124 Datasheet HTML 14Page - Analog Devices AD8124 Datasheet HTML 15Page - Analog Devices AD8124 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8124
Rev. 0 | Page 15 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-2
1
40
10
11
29
28
20
19
4.45
4.30 SQ
4.15
TOP
VIEW
6.00
BSC SQ
5.75
BSC SQ
COPLANARITY
0.08
4.50
REF
0.50
0.40
0.30
0.50
BSC
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
(BOT TOM VIEW)
PIN 1
INDICATOR
0.30
0.23
0.18
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 29. 40-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
6 mm × 6 mm, Very Thin Quad
(CP-40-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8124ACPZ
−40°C to +85°C
40-Lead LFCSP_VQ
CP-40-4
AD8124ACPZ-R7
−40°C to +85°C
40-Lead LFCSP_VQ
CP-40-4
AD8124ACPZ-RL
−40°C to +85°C
40-Lead LFCSP_VQ
CP-40-4
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com