Electronic Components Datasheet Search
  English  ▼

X  

AD8546 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8546
Description  18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8546 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8546 Datasheet HTML 4Page - Analog Devices AD8546 Datasheet HTML 5Page - Analog Devices AD8546 Datasheet HTML 6Page - Analog Devices AD8546 Datasheet HTML 7Page - Analog Devices AD8546 Datasheet HTML 8Page - Analog Devices AD8546 Datasheet HTML 9Page - Analog Devices AD8546 Datasheet HTML 10Page - Analog Devices AD8546 Datasheet HTML 11Page - Analog Devices AD8546 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8546
Rev. 0 | Page 8 of 24
0
0.30.60.91.21.51.82.12.42.7
VCM (V)
VSY = 2.7V
–40°C ≤ TA ≤ +85°C
–3.0
–2.0
–2.5
–1.0
0
1.0
2.0
–1.5
–0.5
0.5
1.5
2.5
3.0
Figure 8. Input Offset Voltage vs. Common-Mode Voltage
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
VCM (V)
VSY = 2.7V
–40°C ≤ TA ≤ +125°C
–3.0
–2.0
–2.5
–1.0
0
1.0
2.0
–1.5
–0.5
0.5
1.5
2.5
3.0
Figure 9. Input Offset Voltage vs. Common-Mode Voltage
0.1
1
10
100
1000
10000
25
50
75
100
125
TEMPERATURE (°C)
IB+
IB–
VSY = 2.7V
Figure 10. Input Bias Current vs. Temperature
0
2468
10
12
14
16
18
VCM (V)
VSY = 18V
–40°C ≤ TA ≤ +85°C
–3.0
–2.0
–2.5
–1.0
0
1.0
2.0
–1.5
–0.5
0.5
1.5
2.5
3.0
Figure 11. Input Offset Voltage vs. Common-Mode Voltage
–8.0
–4.0
–5.0
–6.0
–7.0
–3.0
–1.0
–2.0
0
4.0
3.0
2.0
1.0
5.0
6.0
7.0
8.0
0
2468
10
12
14
16
18
VCM (V)
VSY = 18V
–40°C ≤ TA ≤ +125°C
Figure 12. Input Offset Voltage vs. Common-Mode Voltage
0.1
1
10
100
1000
10000
25
50
75
100
125
TEMPERATURE (°C)
VSY = 18V
IB+
IB–
Figure 13. Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com