Electronic Components Datasheet Search
  English  ▼

X  

ADP1850 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1850 Datasheet HTML 4Page - Analog Devices ADP1850 Datasheet HTML 5Page - Analog Devices ADP1850 Datasheet HTML 6Page - Analog Devices ADP1850 Datasheet HTML 7Page - Analog Devices ADP1850 Datasheet HTML 8Page - Analog Devices ADP1850 Datasheet HTML 9Page - Analog Devices ADP1850 Datasheet HTML 10Page - Analog Devices ADP1850 Datasheet HTML 11Page - Analog Devices ADP1850 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP1850
Rev. 0 | Page 8 of 32
Pin No.
Mnemonic
Description
15
ILIM2
Current Limit Sense Comparator Inverting Input for Channel 2. Connect a resistor between ILIM2 and SW2 to set
the current limit offset. For accurate current limit sensing, connect ILIM2 to a current sense resistor at the source
of the low-side MOSFET.
16
BST2
Boot-Strapped Upper Rail of High Side Internal Driver for Channel 2. Connect a multilayer ceramic capacitor
(0.1 µF to 0.22 µF) between BST2 and SW2. There is an internal boost rectifier connected between VDL and BST2.
17
SW2
Switch Node for Channel 2. Connect to source of the high-side N-channel MOSFET and the drain of the low-side
N-channel MOSFET of Channel 2.
18
DH2
High-Side Switch Gate Driver Output for Channel 2. Capable of driving MOSFETs with total input capacitance up
to 20 nF.
19
PGND2
Power Ground for Channel 2. Ground for internal Channel 2 driver. Differential current is sensed between SW2
and PGND2. Use the Kelvin sensing connection technique between PGND2 and source of the low-side MOSFET.
20
DL2
Low-Side Synchronous Rectifier Gate Driver Output for Channel 2. To set the gain of the current sense amplifier,
connect a resistor between DL2 and PGND2. Capable of driving MOSFETs with a total input capacitance up to 20 nF.
21
DL1
Low-Side Synchronous Rectifier Gate Driver Output for Channel 1. To set the gain of the current sense amplifier,
connect a resistor between DL1 and PGND1. Capable of driving MOSFETs with a total input capacitance up to 20 nF.
22
PGND1
Power Ground for Channel 1. Ground for internal Channel 1 driver. Differential current is sensed between SW1
and PGND1. Use the Kelvin sensing connection technique between PGND1 and source of the low-side MOSFET.
23
DH1
High-Side Switch Gate Driver Output for Channel 1. Capable of driving MOSFETs with a total input capacitance
up to 20 nF.
24
SW1
Power Switch Node for Channel 1. Connect to source of the high-side N-channel MOSFET and the drain of the
low-side N-channel MOSFET of Channel 1.
25
BST1
Boot-Strapped Upper Rail of High Side Internal Driver for Channel 1. Connect a multilayer ceramic capacitor
(0.1 µF to 0.22 µF) between BST1 and SW1. There is an internal boost diode or rectifier connected between VDL
and BST1.
26
ILIM1
Current Limit Sense Comparator Inverting Input for Channel 1. Connect a resistor between ILIM1 and SW1 to set
the current limit offset. For accurate current limit sensing, connect ILIM1 to a current sense resistor at the source
of the low-side MOSFET.
27
PGOOD1
Power Good. Open-drain power-good indicator logic output with an internal 12 kΩ resistor connected between
PGOOD1 and VCCO. PGOOD1 is pulled to ground when the Channel 1 output is outside the regulation window.
An external pull-up resistor is not required.
28
SS1
Soft Start Input for Channel 1. Connect a capacitor from SS1 to AGND to set the soft start period. This node is
internally pulled up to 5 V with a 6.5 µA current source.
29
RAMP1
Connect a resistor from RAMP1 to VIN to set up a ramp current for slope compensation in Channel 1. The voltage
at RAMP2 is 0.2 V. This pin is high impedance when the channel is disabled.
30
COMP1
Compensation Node for Channel 1. Output of Channel 1 error amplifier. Connect a series resistor-capacitor
network from COMP1 to AGND to compensate the regulation control loop.
31
FB1
Output Voltage Feedback for Channel 1. Connect to Output 1 via a resistor divider.
32
TRK1
Tracking Input for Channel 1. Connect TRK1 to VCCO if tracking is not used.
33
(EPAD)
Exposed Pad
(EPAD)
Connect the bottom exposed pad of the LFCSP package to the system AGND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com