Electronic Components Datasheet Search
  English  ▼

X  

ADV7526 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7526
Description  Low Power HDMI/DVI Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7526 Datasheet(HTML) 1 Page - Analog Devices

  ADV7526 Datasheet HTML 1Page - Analog Devices ADV7526 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Power HDMI/DVI Transmitter
ADV7526
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
General
Low power HDMI/DVI transmitter ideal for portable
applications
CEC controller and expanded message buffer (3 messages)
reduce system overhead
HDMI v.1.4a features supported
3D video
Extended colorimetry
Compatible with DVI v.1.0
Optional embedded HDCP keys to support HDCP 1.3
1.8 V supplies for ultralow operating power
Video/audio inputs accept logic levels from 1.8 V to 3.3 V
Digital video
150 MHz operation supports all video and graphics
resolutions from 480i to 1080p
Programmable 2-way color space converter
Supports RGB, YCbCr, DDR
Supports ITU656-based embedded syncs
Automatic input video format timing detection (CEA-861E)
Digital audio
Supports standard SPDIF for stereo LPCM or compressed
audio up to 192 kHz
8-channel uncompressed LPCM I2S audio up to 192 kHz
Special features for easy system design
On-chip MPU with I2C master to perform EDID reading and
HDCP operations; reports HDMI events through interrupts
and registers
5 V tolerant I2C and HPD I/Os, no extra device needed
No audio master clock needed for supporting SPDIF
and I2S
Compatible with AD9394 HDMI companion chip
5 V generator for Hot Plug detect in portable applications
APPLICATIONS
Cellular handsets
Digital video cameras
Digital still cameras
Personal media players
Gaming
DVD players and recorders
Digital set-top boxes
HDMI repeater
FUNCTIONAL BLOCK DIAGRAM
D[23:0]
VSYNC
HSYNC
DE
CLK
I2C
SLAVE
SDA
SCL
HDCP
CORE
HDCP AND EDID
MICRO-
CONTROLLER
I2C
MASTER
INT
HPD
DDCSCL
DDCSDA
ADV7526
TMDS
OUTPUTS
CEC
CEC_CLK
CEC CONTROLLER
BUFFER-3MSG
COLOR
SPACE
CONVERSION
SYNC
ADJUSTMENT
AND
GENERATION
AUDIO
DATA
CAPTURE
VIDEO
DATA
CAPTURE
REGISTER
CONFIGURATION
LOGIC
HDCP
KEYS
Tx0±
Tx1±
Tx2±
TxC±
SPDIF
I2S[3:0]
LRCLK
MCLK
SCLK
Figure 1.
GENERAL DESCRIPTION
The ADV7526 is a 150 MHz, high definition multimedia
interface (HDMI®) transmitter with expanded CEC buffer. It
supports HDTV formats up to 1080p and computer graphic
resolutions up to SXGA at 75 Hz.
With the inclusion of embedded HDCP keys, the ADV7526
allows the secure transmission of protected content, as specified
by the HDCP 1.3 protocol.
The ADV7526 supports both SPDIF and 8-channel I2S audio.
Its high fidelity 8-channel I2S can transmit stereo up to a 192 kHz
sampling rate. The SPDIF can carry stereo LPCM audio or
compressed audio, including Dolby® Digital and DTS®.
The ADV7526 helps to reduce system design complexity and
cost by incorporating such features as an I2C master for EDID
reading and 5 V tolerance on the I2C and Hot Plug™ detect pins.
Fabricated in an advanced CMOS process, the ADV7526 is
available in a space-saving, 64-ball, WLCSP surface-mount
package. This package is RoHS compliant and specified to
operate from −25°C to +85°C.
For more information on the ADV7526, contact Analog Devices, Inc., at ATV_VideoTx_Apps@analog.com.


Similar Part No. - ADV7526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7520 AD-ADV7520 Datasheet
152Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520/PCBZ AD-ADV7520/PCBZ Datasheet
152Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520BCPZ-80 AD-ADV7520BCPZ-80 Datasheet
152Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK AD-ADV7520NK Datasheet
268Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
More results

Similar Description - ADV7526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9889A AD-AD9889A Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
High Performance, Low Power HDMI??DVI Transmitter
AD9889B AD-AD9889B Datasheet
295Kb / 12P
High Performance HDMI/DVI Transmitter
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
High Performance HDMI/DVI Transmitter
4/07-Revision 0
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
Low Power HDMI/DVI Transmitter
Rev. Sp0
AD9387NK AD-AD9387NK_15 Datasheet
175Kb / 8P
High Performance, Low Power HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
High Performance HDMI/DVI Transmitter
REV. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com