Electronic Components Datasheet Search
  English  ▼

X  

LP2950 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # LP2950
Description  100mA Low-Dropout Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2950 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button LP2950_08 Datasheet HTML 6Page - Micrel Semiconductor LP2950_08 Datasheet HTML 7Page - Micrel Semiconductor LP2950_08 Datasheet HTML 8Page - Micrel Semiconductor LP2950_08 Datasheet HTML 9Page - Micrel Semiconductor LP2950_08 Datasheet HTML 10Page - Micrel Semiconductor LP2950_08 Datasheet HTML 11Page - Micrel Semiconductor LP2950_08 Datasheet HTML 12Page - Micrel Semiconductor LP2950_08 Datasheet HTML 13Page - Micrel Semiconductor LP2950_08 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micrel, Inc.
LP2950/2951
September 2008
10
M9999-091208
Noise can be reduced fourfold by a bypass capacitor
across R1, since it reduces the high frequency gain from
4 to unity. Pick:
200Hz
R
2
1
C
1
BYPASS
•
≅
π
or about 0.01µF. When doing this, the output capacitor
must be increased to 3.3µF to maintain stability. These
changes reduce the output noise from 430µV to
100µVrms for a100kHz bandwidth at 5V output. With the
bypass capacitor added, noise no longer scales with
output voltage so that improvements are more dramatic
at higher output voltages.
Figure 1. ERROR Output Timing
Figure 2. Adjustable Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com