Electronic Components Datasheet Search
  English  ▼

X  

LM2575-12BWM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # LM2575-12BWM
Description  52kHz Simple 1A Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-12BWM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button LM2575-12BWM Datasheet HTML 4Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 5Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 6Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 7Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 8Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 9Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 10Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 11Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Micrel, Inc.
LM2575
May 2009
9
M9999-051209-B
Functional Characteristics (circuit of Figure 1)
Load Transient Response
100µs/div.
+100mV
0
–100mV
Output
Voltage
Change
1.0A
0.5A
0
Output
Current
VOUT = 5V
Switching Waveforms
10V
0
1A
0
1A
.5A
0
A
B
C
D
A: Output pin voltage 10V/div
B: Output pin current 1A/div
C: Inductor current 0.5A/div
D: Output ripple voltage 20 mV/div. AC coupled
Horizontal Time Base: 5µs/div
VOUT = 5V VIN = 20V
Functional Diagrams
ON/OFF
COMPARATOR
FIXED GAIN
ERROR AMP
1 AMP
SWITCH
OUT
DRIVER
+
-
+
-
VIN
FB
1.23V
BAND-GAP
REFERENCE
52 kHz
OSCILLATOR
RESET
THERMAL
SHUTDOWN
CURRENT
LIMIT
5
2
3
1
Note: Pin numbers are for the TO-220 package
INTERNAL
REGULATOR
ON/OFF
GND
3.1k
1.0k
4
Fixed Regulator
ON/OFF
COMPARATOR
FIXED GAIN
ERROR AMP
1 AMP
SWITCH
OUT
DRIVER
+
-
+
-
VIN
FB
1.23V
BAND-GAP
REFERENCE
52 kHz
OSCILLATOR
RESET
THERMAL
SHUTDOWN
CURRENT
LIMIT
5
2
3
1
4
INTERNAL
REGULATOR
ON/OFF
GND
Adjustable Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com