Electronic Components Datasheet Search
  English  ▼

X  

MIC44F19 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC44F19
Description  6A, 13V High Speed MOSFET Drivers with Enable Input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F19 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC44F19 Datasheet HTML 1Page - Micrel Semiconductor MIC44F19 Datasheet HTML 2Page - Micrel Semiconductor MIC44F19 Datasheet HTML 3Page - Micrel Semiconductor MIC44F19 Datasheet HTML 4Page - Micrel Semiconductor MIC44F19 Datasheet HTML 5Page - Micrel Semiconductor MIC44F19 Datasheet HTML 6Page - Micrel Semiconductor MIC44F19 Datasheet HTML 7Page - Micrel Semiconductor MIC44F19 Datasheet HTML 8Page - Micrel Semiconductor MIC44F19 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Micrel, Inc.
MIC44F18/19/20
February 2011
5
M9999-020111
Electrical Characteristics (Continued)
4.5V< Vdd< 13.2V; CL =1000pf; TA = 25°C, bold values indicate –40°C< Tj < +125°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Output
VOH
High Output Voltage
See Figure 1
VS-
0.025
V
VOL
Low Output Voltage
See Figure 1
0.025
V
Output Resistance, Output High
IOUT = 100mA, Vdd = 12V
IOUT = 100mA, Vdd = 5V
2
3
Ω
RO
Output Resistance, Output Low
IOUT = 100mA, Vdd = 12V
IOUT = 100mA, Vdd = 5V
2
3
Ω
Peak Output Sink Current
Vdd = 12V
6
A
IPEAK
Peak Output Source Current
VS = 12V
6
A
IR
Latch-Up Protection Withstand
Reverse Current
>500
mA
Switching Time
tR
Rise Time
VS = 12V, CL=1000pF
See Timing Diagram
10
20
ns
tF
Fall Time
VS = 12V, CL=1000pF
See Timing Diagram
10
20
ns
tD1
Delay Time
VS = 12V, CL=1000pF
See Timing Diagram
15
35
ns
tD2
Delay Time
VS = 12V, CL=1000pF
See Timing Diagram
13
35
ns
tPW
Pulse Width
VS = 12V
See Timing Diagram
50
ns
fMAX
Maximum Input Frequency
VS = 12V
See Timing Diagram 2
Note 6
MHz
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4.
Specification for packaged product only.
5.
The device is protected from damage when -5V< Vin< 0V. However, 0V is the recommended minimum continuous VIL voltage.
See the applications section for additional information.
6.
See applications section for information on the maximum operating frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com