Electronic Components Datasheet Search
  English  ▼

X  

MIC910 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC910
Description  135MHz Low-Power SOT-23-5 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC910 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC910_01 Datasheet HTML 1Page - Micrel Semiconductor MIC910_01 Datasheet HTML 2Page - Micrel Semiconductor MIC910_01 Datasheet HTML 3Page - Micrel Semiconductor MIC910_01 Datasheet HTML 4Page - Micrel Semiconductor MIC910_01 Datasheet HTML 5Page - Micrel Semiconductor MIC910_01 Datasheet HTML 6Page - Micrel Semiconductor MIC910_01 Datasheet HTML 7Page - Micrel Semiconductor MIC910_01 Datasheet HTML 8Page - Micrel Semiconductor MIC910_01 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2001
1
MIC910
MIC910
Micrel
MIC910
135MHz Low-Power SOT-23-5 Op Amp
Final Information
General Description
The MIC910 is a high-speed, unity-gain stable operational
amplifier. It provides a gain-bandwidth product of 135MHz
with a very low, 2.4mA supply current, and features the tiny
SOT-23-5 package.
Supply voltage range is from
±2.5V to ±9V, allowing the
MIC910 to be used in low-voltage circuits or applications
requiring large dynamic range.
The MIC910 is stable driving any capacitative load and
achieves excellent PSRR, making it much easier to use than
most conventional high-speed devices. Low supply voltage ,
low power consumption, and small packing make the MIC910
ideal for portable equipment. The ability to drive capacitative
loads also makes it possible to drive long coaxial cables.
Features
• 135MHz gain bandwidth product
• 2.4mA supply current
• Unconditionally unity-gain stable
• SOT-23-5 package
• 270V/
µs slew rate
• drives any capacitive load
Applications
• Video
• Imaging
• Ultrasound
• Portable equipment
• Line drivers
Ordering Information
Part Number
Junction Temp. Range
Package
MIC910BM5
–40
°C to +85°C
SOT-23-5
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Pin Description
Pin Number
Pin Name
Pin Function
1
OUT
Output: Amplifier Output
2
V+
Positive Supply (Input)
3
IN+
Noninverting Input
4
IN–
Inverting Input
5
V–
Negative Supply (Input)
Pin Configuration
OUT
V+
IN–
IN+
1
3
45
2
V–
A21
Part
Identification
SOT-23-5
Functional Pinout
OUT
V+
IN–
IN+
1
3
45
2
V–
SOT-23-5


Similar Part No. - MIC910_01

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910BM5 MICREL-MIC910BM5 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC910YM5 MICREL-MIC910YM5 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
More results

Similar Description - MIC910_01

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC911 MICREL-MIC911 Datasheet
204Kb / 12P
105MHz Low-Power SOT-23-5 Op Amp
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
200MHz Low-Power SOT-23-5 Op Amp
MIC913 MICREL-MIC913 Datasheet
180Kb / 12P
350MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
160MHz Low-Power SOT-23-5 Op Amp
MIC915 MICREL-MIC915 Datasheet
142Kb / 12P
Dual 135MHz Low-Power Op Amp
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
Triple 135MHz Low-Power Op Amp
MIC916 MICREL-MIC916_05 Datasheet
185Kb / 12P
Triple 135MHz Low-Power Op Amp
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com