Electronic Components Datasheet Search
  English  ▼

X  

M16C Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # M16C
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button M16C Datasheet HTML 78Page - Renesas Technology Corp M16C Datasheet HTML 79Page - Renesas Technology Corp M16C Datasheet HTML 80Page - Renesas Technology Corp M16C Datasheet HTML 81Page - Renesas Technology Corp M16C Datasheet HTML 82Page - Renesas Technology Corp M16C Datasheet HTML 83Page - Renesas Technology Corp M16C Datasheet HTML 84Page - Renesas Technology Corp M16C Datasheet HTML 85Page - Renesas Technology Corp M16C Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 82 of 109
Feb 07, 2011
M16C/65C Group
5. Electrical Characteristics
Figure 5.18
Timing Diagram
Read timing
Write timing
BCLK
CSi
ALE
DBi
ADi
BHE
WR, WRL
WRH
BCLK
CSi
ALE
DBi
ADi
BHE
RD
tcyc
td(BCLK-CS)
25ns(max.)
td(BCLK-AD)
25ns(max.)
td(BCLK-ALE)
15ns(max.)
th(BCLK-ALE)
-4ns(min.)
td(BCLK-RD)
25ns(max.)
Hi-Z
tsu(DB-RD)
Hi-Z
td(BCLK-CS)
25ns(max.)
td(BCLK-AD)
25ns(max.)
td(BCLK-ALE)
15ns(max.)
td(BCLK-WR)
25ns(max.)
(0.5 × t
-10)ns(min.)
cyc
tac4(RD-DB)
(n × t
-45)ns(max.)
cyc
V
= V
= 5V
CC1
CC2
Memory Expansion Mode and Microprocessor Mode
(in wait state setting 2
φ + 3 φ, 2 φ + 4 φ, 3φ + 4 φ, and 4 φ + 5 φ, and
when accessing external area)
n: 3 (when 2
φ + 3 φ)
4 (when 2
φ + 4 φ or 3 φ + 4 φ)
5 (when 4
φ + 5 φ)
th(BCLK-AD)
0ns(min.)
th(BCLK-CS)
0ns(min.)
th(RD-AD)
0ns(min.)
th(BCLK-RD)
0ns(min.)
th(RD-DB)
0ns(min.)
th(BCLK-CS)
0ns(min.)
th(BCLK-AD)
0ns(min.)
th(BCLK-ALE)
-4ns(min.)
th(WR-AD)
th(BCLK-WR)
0ns(min.)
td(DB-WR)
{(n-0.5) × t
-40}ns(min.)
cyc
th(WR-DB)
(0.5 × t
-20)ns(min.)
cyc
Measuring conditions
V
= V
= 5V
CC1
CC2
Input timing voltage: V = 0.8 V, V
= 2.0 V
IL
IH
Output timing voltage: V
= 0.4 V, V
= 2.4 V
OL
OH
tcyc =
1
f(BCLK)
tcyc
td(BCLK-DB)
40ns(max.)
50ns(min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com