Electronic Components Datasheet Search
  English  ▼

X  

MIC2010 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2010
Description  USB Power Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2010 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2010 Datasheet HTML 1Page - Micrel Semiconductor MIC2010 Datasheet HTML 2Page - Micrel Semiconductor MIC2010 Datasheet HTML 3Page - Micrel Semiconductor MIC2010 Datasheet HTML 4Page - Micrel Semiconductor MIC2010 Datasheet HTML 5Page - Micrel Semiconductor MIC2010 Datasheet HTML 6Page - Micrel Semiconductor MIC2010 Datasheet HTML 7Page - Micrel Semiconductor MIC2010 Datasheet HTML 8Page - Micrel Semiconductor MIC2010 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
January 2005
1
M9999-101104
MIC2010/2070
Micrel
MIC2010/MIC2070
USB Power Controller
General Description
The MIC2010 is a dual channel USB power switch designed
to support the power distribution requirements for USB
Wakeup from the ACPI S3 state. The MIC2010 will directly
switch its two outputs between a 5V main supply and a
5V auxiliary supply normally provided in ATX style power
supplies.
The MIC2010 will adjust its current-limit threshold according
to the ACPI state it is in. In the normal active ACPI S0 state
the current-limit is set at 500mA minimum per channel
satisfying the USB continuous output current specification.
In the S3 state the current-limit can be reduced to a value
determined by an external resistor to minimize the current
that is supplied by the auxiliary supply, thereby ensuring that
voltage regulation is maintained even during fault conditions.
The MIC2010 provides make-before-break switching to
ensure glitch-free transitions between the S3 and S0 states.
Each channel is also thermally isolated from the other so that
a fault in one channel does not effect the other. FAULT status
output signals are also provided indicating overcurrent and
thermal shutdown conditions.
The MIC2070 option latches the output off upon detecting an
overcurrent condition lasting for more than 5ms minimum.
The output can be reset by either toggling the EN inputs of the
MIC2070-1/-2 or by removing the load. Latching the output
off provides a circuit breaker mode of operation which
reduces power consumption during fault conditions.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Features
• Compliant to USB power distribution specifications
• Two completely independent switches
• Integrated switching matrix supports ACPI S0/S3 state
transitions without external FET circuits
• Make-before-break switching ensures glitch-free
transitions
• No back-feed of auxiliary supply onto main supply
during standby mode
• Bi-level current-limit preserves auxiliary supply voltage
regulation in standby mode
• Thermally isolated channels
• Thermal shutdown protection
• Fault status outputs with filter prevents false assertions
during hot-plug events
• Circuit breaker options with auto-reset (MIC2070)
• Undervoltage lockout
• UL File #179633
Applications
• Desktop PCs
• Notebook PCs
• Notebook docking stations
• LAN Servers
• PC motherboard
Typical Application
MIC2010-1P/-2P
VBUS
D+
D–
GND
MAIN
AUX
OUT1
EN1
EN2
Downstream
USB
Port 1
100µF
5V MAIN
ATX Power Supply
S3#
FAULT1
FAULT1
VBUS
D+
D–
GND
Downstream
USB
Port 2
OUT2
RSET1
RSET2
GND
5V STANDBY
82801AA or Equivalent
SLP S3#
SLP S5#
OC0
OC1
Overcurrent Port 1
Overcurrent Port 1
ON/OFF 1
ON/OFF 2
100µF
S3# CONTROL
Figure 1. USB Wakeup From ACPI S3 System Diagram
UL Recognized Component


Similar Part No. - MIC2010

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
USB Power Controller Advance Information
MIC2010 MICREL-MIC2010 Datasheet
695Kb / 16P
USB Power Controller
MIC2010-2PCQS MICREL-MIC2010-2PCQS Datasheet
51Kb / 9P
USB Power Controller Advance Information
MIC2010 MICREL-MIC2010_06 Datasheet
695Kb / 16P
USB Power Controller
More results

Similar Description - MIC2010

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
USB Power Controller Advance Information
MIC2012 MICREL-MIC2012_05 Datasheet
695Kb / 16P
USB Power Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
USB Port Power Supply Controller
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010_06 Datasheet
695Kb / 16P
USB Power Controller
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com