Electronic Components Datasheet Search
  English  ▼

X  

MIC2025 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2025
Description  Single-Channel Power Distribution Switch MM8짰
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2025 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2025 Datasheet HTML 1Page - Micrel Semiconductor MIC2025 Datasheet HTML 2Page - Micrel Semiconductor MIC2025 Datasheet HTML 3Page - Micrel Semiconductor MIC2025 Datasheet HTML 4Page - Micrel Semiconductor MIC2025 Datasheet HTML 5Page - Micrel Semiconductor MIC2025 Datasheet HTML 6Page - Micrel Semiconductor MIC2025 Datasheet HTML 7Page - Micrel Semiconductor MIC2025 Datasheet HTML 8Page - Micrel Semiconductor MIC2025 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
June 2010
3
MIC2025/2075
MIC2025/2075
Micrel, Inc.
Electrical Characteristics
VIN = +5V; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDD
Supply Current
MIC20x5-1, VEN ≤ 0.8V, (switch off),
0.75
5
µA
OUT = open
MIC20x5-2, VEN ≥ 2.4V, (switch off),
0.75
5
µA
OUT = open
MIC20x5-1, VEN ≥ 2.4V, (switch on),
160
µA
OUT = open
MIC20x5-2, VEN ≤ 0.8V, (switch on),
160
µA
OUT = open
VEN
Enable Input Voltage
low-to-high transition
2.1
2.4
V
high-to-low transition
0.8
1.9
V
Enable Input Hysteresis
200
mV
IEN
Enable Input Current
VEN = 0V to 5.5V
–1
0.01
1
µA
Control Input Capacitance
1
pF
RDS(on)
Switch Resistance
VIN = 5V, IOUT = 500mA
90
140
mΩ
VIN = 3.3V, IOUT = 500mA
100
160
mΩ
Output Leakage Current
MIC2025/2075 (output off)
10
µA
OFF Current in Latched
MIC2075
50
µA
Thermal Shutdown
(during thermal shutdown state)
tON
Output Turn-On Delay
RL = 10Ω, CL = 1µF, see “Timing Diagrams”
1
2.5
6
ms
tR
Output Turn-On Rise Time
RL = 10Ω, CL = 1µF, see “Timing Diagrams”
0.5
2.3
5.9
ms
tOFF
Output Turnoff Delay
RL = 10Ω, CL = 1µF, see “Timing Diagrams”
50
100
µs
tF
Output Turnoff Fall Time
RL = 10Ω, CL = 1µF, see “Timing Diagrams”
50
100
µs
ILIMIT
Short-Circuit Output Current
VOUT = 0V, enabled into short-circuit.
0.5
0.7
1.25
A
Current-Limit Threshold
ramped load applied to output,
Note 4
0.60
0.85
1.25
A
Short-Circuit Response Time
VOUT = 0V to IOUT = ILIMIT
24
µs
(Short applied to output)
tD
Overcurrent Flag Response
VIN = 5V, apply VOUT = 0V until FLG low
1.5
3
7
ms
Delay
VIN = 3.3V, apply VOUT = 0V until FLG low
1.5
3
8
ms
Undervoltage Lockout
VIN rising
2.2
2.5
2.7
V
Threshold
VIN falling
2.0
2.3
2.5
V
Absolute Maximum Ratings (Note 1)
Supply Voltage (VIN)..........................................–0.3V to 6V
Fault Flag Voltage (VFLG) ..............................................+6V
Fault Flag Current (IFLG)............................................. 25mA
Output Voltage (VOUT)...................................................+6V
Output Current (IOUT) ............................... Internally Limited
Enable Input (IEN)..................................... –0.3V to VIN +3V
Storage Temperature (TS) ........................ –65°C to +150°C
ESD Rating,
Note 3
Operating Ratings (Note 2)
Supply Voltage (VIN) ................................... +2.7V to +5.5V
Ambient Temperature (TA).......................... –40°C to +85°C
Junction Temperature (TJ)........................ Internally Limited
Thermal Resistance
SOP (θJA) ..........................................................160°C/W
MSOP(θJA) ........................................................206°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com