Electronic Components Datasheet Search
  English  ▼

X  

MIC2026 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2026
Description  Dual-Channel Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2026 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2026 Datasheet HTML 1Page - Micrel Semiconductor MIC2026 Datasheet HTML 2Page - Micrel Semiconductor MIC2026 Datasheet HTML 3Page - Micrel Semiconductor MIC2026 Datasheet HTML 4Page - Micrel Semiconductor MIC2026 Datasheet HTML 5Page - Micrel Semiconductor MIC2026 Datasheet HTML 6Page - Micrel Semiconductor MIC2026 Datasheet HTML 7Page - Micrel Semiconductor MIC2026 Datasheet HTML 8Page - Micrel Semiconductor MIC2026 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Micrel, Inc.
MIC2026/2076
June 2010
3
M9999-060410-B
Absolute Maximum Ratings
P
(1)
Supply Voltage (V
B
IN
B
)........................................ –0.3V to +6V
Fault Flag Voltage (V
B
FLG
B
)................................................+6V
Fault Flag Current (I
B
FLG
B
) ..............................................25mA
Output Voltage (V
B
OUT
B
) ....................................................+6V
Output Current (I
B
OUT
B
) .................................Internally Limited
Enable Input (I
B
EN
B
) ..................................... –0.3V to VIN + 3V
Storage Temperature (T
B
S
B
)........................–65°C to +150 °C
ESD Rating(3)
HBM......................................................................... 1kV
MM.........................................................................200V
Operating Ratings
P
(2)
Supply Voltage (V
B
IN
B
)..................................... +2.7V to +5.5V
Ambient Temperature (T
B
A
B
) .......................... –40°C to +85°C
Junction Temperature Range (T
B
J
B
)............. Internally Limited
Thermal Resistance
SOIC (
θ
B
JA
B
) ........................................................160°C/W
PDIP (
θ
B
JA
B
) ........................................................105°C/W
Electrical Characteristics
(4)
P
V
B
IN
B
= +5V; T
B
A
B
= 25°C, bold values indicate –40°C ≤ T
B
A
B
≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
MIC20x6-1, V
B
ENA
B
= V
B
ENB
B
≤ 0.8V
(switch off), OUT = open
0.75
5
µA
MIC20x6-2, V
B
ENA
B
= V
B
ENB
B
≥ 2.4V
(switch off), OUT = open
9.5
20
µA
MIC20x6-1, V
B
ENA
B
= V
B
ENB
B
≥ 2.4V
(switch on), OUT = open
100
160
µA
I
B
DD
B
Supply Current
MIC20x6-2, V
B
ENA
B
= V
B
ENB
B
≤ 0.8V
(switch on), OUT = open
100
160
µA
low-to-high transition
1.7
2.4
V
Enable Input Threshold
high-to-low transition
0.8
1.45
V
V
B
EN
B
Enable Input Hysteresis
250
mV
Enable Input Current
V
B
EN
B
= 0V to 5.5V
-1
0.01
1
µA
I
B
EN
B
Enable Input Capacitance
1
pF
V
B
IN
B
= 5V, I
B
OUT
B
= 500mA
90
140
mΩ
R
B
DS(ON)
B
Switch Resistance
V
B
IN
B
= 3.3V, I
B
OUT
B
= 500mA
100
170
mΩ
Output Leakage Current
MIC20x6-1, VENx ≤ 0.8V;
MIC20x6-1, VENx ≥ 2.4V, (output off)
10
µA
OFF Current in Latched
Thermal Shutdown
MIC2076
(during thermal shutdown state)
50
µA
t
B
ON
B
Output Turn-On Delay
R
B
L
B
= 10Ω, C
B
L
B
= 1µF, see “Timing Diagrams”
1.3
5
ms
R
B
L
B
= 10Ω, C
B
L
B
= 1µF, see “Timing Diagrams”
0.5
1.15
4.9
ms
t
B
R
B
Output Turn-On Rise Time
R
B
L
B
= 10Ω, C
B
L
B
= 1µF, see “Timing Diagrams”
1.75
ms
t
B
OFF
B
Output Turn-Off Delay
R
B
L
B
= 10Ω, C
B
L
B
= 1µF, see “Timing Diagrams”
35
100
µs
t
B
F
B
Output Turn-Off Fall Time
R
B
L
B
= 10Ω, C
B
L
B
= 1µF, see “Timing Diagrams”
32
100
µs
I
B
LIMIT
B
Short-Circuit Output Current
V
B
OUT
B
= 0V, enabled into short-circuit
0.5
0.9
1.25
A
Current-Limit Threshold
ramped load applied to output
0.65
1.0
1.25
A
Short-Circuit Response Time
V
B
OUT
B
= 0V to I
B
OUT
B
= I
B
LIMIT
B
(short applied to output)
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com