Electronic Components Datasheet Search
  English  ▼

X  

LC6529F Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC6529F
Description  One-Time Programmable 4-Bit Single-Chip Microcontroller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC6529F Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC6529F Datasheet HTML 1Page - Sanyo Semicon Device LC6529F Datasheet HTML 2Page - Sanyo Semicon Device LC6529F Datasheet HTML 3Page - Sanyo Semicon Device LC6529F Datasheet HTML 4Page - Sanyo Semicon Device LC6529F Datasheet HTML 5Page - Sanyo Semicon Device LC6529F Datasheet HTML 6Page - Sanyo Semicon Device LC6529F Datasheet HTML 7Page - Sanyo Semicon Device LC6529F Datasheet HTML 8Page - Sanyo Semicon Device LC6529F Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
No. 5894-2/14
LC65P29
Product Series Structure
Notes on Sanyo ROM Writing Services
Sanyo provides a for-fee ROM writing service that consists of writing the one-time programmable ROM , printing,
screening, and readout verification. Contact your Sanyo representative for details.
Pin Assignments
DIP24S
Type number.
Number of pins
ROM capacity
RAM capacity
Package
LC6527N/F/L, LC6528N/F/L
18
1K, 0.5K
64W, 32W
DIP18, MFP18
LC6529N/F/L
24/30
1K
64W
DIP24S, SSOP24, MFP30S
LC65E29
24/30
1K
64W
DIC24S, MFC30S
LC65P29
24/30
1K
64W
DIP24S, MFP30S
LC6543N/F/L, LC6546N/F/L
30
2K, 1K
128W, 64W
DIP30S, MFP30S
LC65E43
30
2K
128W, 64W
DIC30S, MFC30S
LC65P43
30
2K
128W, 64W
DIP30S, MFP30S
LC651104N/F/L, LC651102N/F/L
30
4K, 2K
256W
DIP30S, MFP30S
LC651204N/F/L, LC651202N/F/L
30
4K, 2K
256W
DIP30S, MFP30S
LC65E1104
30
4K
256W
DIC30S, MFC30S
LC65P1104
30
4K
256W
DIP30S, MFP30S
MFP30S
Top view
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com