Electronic Components Datasheet Search
  English  ▼

X  

MIC2040 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2040
Description  Single Channel Low Voltage Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2040 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2040 Datasheet HTML 1Page - Micrel Semiconductor MIC2040 Datasheet HTML 2Page - Micrel Semiconductor MIC2040 Datasheet HTML 3Page - Micrel Semiconductor MIC2040 Datasheet HTML 4Page - Micrel Semiconductor MIC2040 Datasheet HTML 5Page - Micrel Semiconductor MIC2040 Datasheet HTML 6Page - Micrel Semiconductor MIC2040 Datasheet HTML 7Page - Micrel Semiconductor MIC2040 Datasheet HTML 8Page - Micrel Semiconductor MIC2040 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2005
1
M9999-012004
MIC2040/2041
Micrel
MIC2040/2041
Single Channel Low Voltage Power Distribution Switch
General Description
The MIC2040 and MIC2041 are high side MOSFET switches
optimized for general purpose power distribution applications
that require circuit protection. The devices switch up to 5.5V
and as low as 0.8V while offering both programmable current
limiting and thermal shutdown to protect the device and the
load. A fault status output is provided in order to detect
overcurrent and thermal shutdown fault conditions. Both
devices employ soft start circuitry to minimize the inrush
current in applications that employ highly capacitive loads.
Additionally, the MIC2040/41 is suited for multi-port USB
applications to satisfy upstream/downstream power require-
ments.
The MIC2041 features a auto-reset circuit breaker mode that
latches the output off upon detecting an overcurrent condition
lasting more than 28ms. The output is reset by removing or
reducing the load.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Typical Application
7, 9
6
1
2
5
8,10
3
RSET
340
Ω
Note:
BothV
IN pins (7, 8) must be externally tied together.
BothV
OUT pins (8, 10) must be externally tied together.
I
LIMIT = 1A.
C3
4.7
µF
Logic
Controller
ON/OFF
OVERCURRENT
IN
4
MIC2040-1BM
VBIAS
VIN
EN
/FAULT
ILIM
VOUT
UVLOIN
GND
+3.3V
Power
Supply
R1
20k
Ω
CLOAD
33
µF
(OPEN)
VOUT
3.3V@ 1A
C2
0.1
µF
C1
0.1
µF
Features
• 75mΩ max. on-resistance
• 0.8V to 5.5V operating range
• Adjustable current limit
• Up to 1.5A continuous output current
• Short circuit protection with thermal shutdown
• Circuit breaker mode (MIC2041)
• Fault status flag
• Undervoltage lockout
• Output MOSFET reverse current flow block when
disabled
• Very fast reaction to short-circuits
• Low quiescent current
Applications
• Docking stations
• Notebook PCs
• PDAs
• Board hot swap
• RAID controllers
• USB peripherals
• ACPI power distribution
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ordering Information
Part Number
Standard
Pb-Free
Enable
Circuit Breaker
Package
MIC2040-1BMM
MIC2040-1YMM
Active-High
10-Pin MSOP
MIC2040-2BMM
MIC2040-2YMM
Active-Low
10-Pin MSOP
MIC2041-1BMM
MIC2041-1YMM
Active-High
X
10-Pin MSOP
MIC2041-2BMM
MIC2041-2YMM
Active-Low
X
10-Pin MSOP


Similar Part No. - MIC2040

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2042 MICREL-MIC2042 Datasheet
832Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1BM MICREL-MIC2042-1BM Datasheet
832Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1BTS MICREL-MIC2042-1BTS Datasheet
832Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1YM MICREL-MIC2042-1YM Datasheet
832Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
More results

Similar Description - MIC2040

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
Single-Channel Power Distribution Switch MM8짰
MIC2042 MICREL-MIC2042 Datasheet
832Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2044 MICREL-MIC2044_05 Datasheet
718Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22804 DIODES-AP22804 Datasheet
932Kb / 19P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com