Electronic Components Datasheet Search
  English  ▼

X  

MIC2041 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2041
Description  Single Channel Low Voltage Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2041 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2041 Datasheet HTML 7Page - Micrel Semiconductor MIC2041 Datasheet HTML 8Page - Micrel Semiconductor MIC2041 Datasheet HTML 9Page - Micrel Semiconductor MIC2041 Datasheet HTML 10Page - Micrel Semiconductor MIC2041 Datasheet HTML 11Page - Micrel Semiconductor MIC2041 Datasheet HTML 12Page - Micrel Semiconductor MIC2041 Datasheet HTML 13Page - Micrel Semiconductor MIC2041 Datasheet HTML 14Page - Micrel Semiconductor MIC2041 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
January 2005
11
M9999-012004
MIC2040/2041
Micrel
Functional Description
The MIC2040 and MIC2041 are high-side N-Channel switches
equipped with programmable current limit up to 1.5A for use
in general purpose power distribution applications. The
switches, available with active-high or active-low enable
inputs, operate down to 0.8V and provide circuit protection via
thermal shutdown and an optional output latch during
overcurrent conditions.
Input and Output
VBIAS supplies power to the internal circuitry of the switch
and must be present for the switch to operate. VIN is con-
nected to the drain of the output MOSFET and sources power
to the switched load. VIN must be less than or equal to VBIAS.
VOUT is the source terminal of the output MOSFET and
attaches to the load. In a typical circuit, current flows from VIN
to VOUT toward the load. If VOUT is greater than VIN, current
will flow from VOUT to VIN since the switch is bi-directional
when the device is enabled. When disabled (OFF), the switch
will block current flow from either direction.
Enable Input
Enable, the ON/OFF control for the output switch, is a digital
input available as an active-high (–1) or active-low (–2)
signal. The EN pin, referenced to approximately 0.5 × VBIAS,
must be driven to a clearly defined logic high or logic low.
Failure to observe this requirement, or allowing EN to float,
will cause the MIC2040/41 to exhibit unpredictable behavior.
EN should not be allowed to go negative with respect to
ground, nor allowed to exceed VBIAS. Failure to adhere to
these conditions may result in damage to the device.
Undervoltage Lockout
When the switch is enabled, undervoltage lockout (UVLO)
monitors the input voltage, VIN, and prevents the output
MOSFET from turning on until VIN exceeds a predetermined
level, nominally set at 1.45V. The UVLO threshold is adjust-
able and can be varied by applying an external resistor divider
to the UVLOIN pin from VIN to GND. The resistive divider
network is required when the input voltage is below 1.5V. The
UVLO threshold is internally preset to 1.45V if the UVLOIN
pin is left open. See “Applications Information.”
Programmable Current Limit
The MIC2040/41 is designed to prevent damage to the
external load by limiting the maximum amount of current it
can draw. The current limit is programmed by an external
resistor (R
SET) connected from ILIM to ground and becomes
active when the output voltage is at least 200mV below the
voltage at the input to the device. The limiting current value
is defined by the current limit factor (CLF) divided by R
SET,
and the MIC2040/41 will limit from 0.25A to 1.5A with a set
point accuracy of ±18%. In programming the nominal current
limit, the value of R
SET is determined using the following
equation:
R
CLF
I
340A
I
SET
LIM
LIM
==
× Ω
()
(1)
And given the ±18% tolerance of the current limit factor (CLF),
the external resistor is bound by:
187Ω ≤ RSET ≤ 1.6kΩ
(2)
The graph below (Figure 3) displays the current limit factor
characteristic over the full temperature and voltage range
indicated on the graph. This curve can be used as a point of
reference in determining the maximum variation in the device’s
current limit over the full temperature range. For example:
With V
IN = VBIAS = 3.0V and a nominal 1A current limit (RSET
= 340Ω), the low and high current limit settings for the
MIC2040/41 would be approximately 0.82A and 1.18A, re-
spectively, as shown on the graph using the 340Ω reference.
The MIC2041 is equipped with an internal circuit breaker for
overcurrent protection. During an overcurrent event which
exceeds the flag delay, the /FAULT output is asserted and the
MIC2041 latches the output off. Once the overcurrent load is
removed, the output automatically resets.
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
R
SET (Ω)
Current Limit vs. R
SET
CLF (LO)
V
IN = 1.6V to 5V
–40°C to +85°C
CLF (HI)
Figure 3. Current Limit Factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com