Electronic Components Datasheet Search
  English  ▼

X  

MIC2097 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2097
Description  Current-Limiting Power Distribution Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2097 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2097 Datasheet HTML 1Page - Micrel Semiconductor MIC2097 Datasheet HTML 2Page - Micrel Semiconductor MIC2097 Datasheet HTML 3Page - Micrel Semiconductor MIC2097 Datasheet HTML 4Page - Micrel Semiconductor MIC2097 Datasheet HTML 5Page - Micrel Semiconductor MIC2097 Datasheet HTML 6Page - Micrel Semiconductor MIC2097 Datasheet HTML 7Page - Micrel Semiconductor MIC2097 Datasheet HTML 8Page - Micrel Semiconductor MIC2097 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Micrel, Inc.
MIC2095/97/98/99
September 2010
2
M9999-092010-C
Ordering Information
Part Number
Marking
ENABLE
Logic
Kickstart
(™)
ILIMIT
FAULT/
Output
Junction
Temperature
Range
(1)
Package
MIC2095-1YMT
J1K
Active High
No
0.5A
Yes
–40°C to +125°C
6-Pin 1.6mm x
1.6mm TMLF
MIC2095-2YMT
J2K
Active Low
No
0.5A
Yes
–40°C to +125°C
6-Pin 1.6mm x
1.6mm TMLF
MIC2097-1YMT
K1K
Active High
Yes
0.1 A – 1.1A
Yes
–40°C to +125°C
6-Pin 1.6mm x
1.6mm TMLF
MIC2097-2YMT
K2K
Active Low
Yes
0.1 A – 1.1A
Yes
–40°C to +125°C
6-Pin 1.6mm x
1.6mm TMLF
MIC2098-1YMT
H1K
Active High
No
0.9A
Yes
–40°C to +125°C
6-Pin 1.6mm x
1.6mm TMLF
MIC2098-2YMT
H2K
Active Low
No
0.9A
Yes
–40°C to +125°C
6-Pin 1.6mm x
1.6mm TMLF
MIC2099-1YMT
G1K
Active High
No
0.1 A – 1.1A
Yes
–40°C to +125°C
6-Pin 1.6mm x
1.6mm TMLF
MIC2099-2YMT
G2K
Active Low
No
0.1 A – 1.1A
Yes
–40°C to +125°C
6-Pin 1.6mm x
1.6mm TMLF
Pin Configuration
6-Pin 1.6mm x 1.6mm TMLF (MT) (Top View)
MIC2095-1YMT/MIC2098-1YMT
6-Pin 1.6mm x 1.6mm TMLF (MT) (Top View)
MIC2095-2YMT/MIC2098-2YMT
6-Pin 1.6mm x 1.6mm TMLF (MT) (Top View)
MIC2097-1YMT / MIC2099-1YMT
6-Pin 1.6mm x 1.6mm TMLF (MT) (Top View)
MIC2097-2YMT / MIC2099-2YMT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com