Electronic Components Datasheet Search
  English  ▼

X  

MIC2177BWM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2177BWM
Description  2.5A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2177BWM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2177BWM Datasheet HTML 6Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 7Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 8Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 9Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 10Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 11Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 12Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 13Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Micrel, Inc.
MIC2177
April 2008
10
M9999-042108
given in the “Applications Information” section. Note that
∆IL varies as a function of input voltage, and this also
causes IMIN to vary. In applications where the input
voltage changes by a factor of two, IMIN will typically vary
from 130mA to 250mA.
During low-dropout operation, the minimum current
thresh-old circuit reduces the minimum value of IL1(peak)
for PWM operation. This compensates for ∆IL1
decreasing to almost zero when the difference between
VIN and VOUT is very low.
Changing from Skip to PWM Mode
The MIC2177 will automatically change from skip to
PWM mode when ILOAD exceeds 300mA. During skip-
mode operation, it can supply up to 300mA, and when
ILOAD exceeds this limit, VOUT will fall below its nominal
value. At this point, the MIC2177 begins operating in
PWM mode. Note that the maximum value of ILOAD for
skip mode is greater than the minimum value required
for PWM mode. This current hysteresis prevents the
MIC2177 from toggling between modes when ILOAD is in
the range of 100mA to 300mA.
The low output comparator determines when VOUT is low
enough for the regulator to change operating modes. It
detects when the feedback voltage is 3% below nominal,
and pulls the AUTO pin to ground. When AUTO is less
than 1.6V, the PWM/skip-mode select logic places the
MIC2177 into PWM operation. The external 2.2nF
capacitor connected to AUTO is charged by a 10µA
current source after the regulator begins operating in
PWM mode. As a result, AUTO stays below 1.6V for
several switching cycles after PWM operation begins,
forcing the MIC2177 to remain in PWM mode during this
transition.
External PWM-Mode Selection
The MIC2177 can be forced to operate in only PWM
mode by connecting AUTO to ground. This prevents
skip-mode operation in applications that are sensitive to
switching noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com