Electronic Components Datasheet Search
  English  ▼

X  

MIC2295YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2295YML
Description  High Power Density 1.2A Boost Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2295YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2295YML Datasheet HTML 1Page - Micrel Semiconductor MIC2295YML Datasheet HTML 2Page - Micrel Semiconductor MIC2295YML Datasheet HTML 3Page - Micrel Semiconductor MIC2295YML Datasheet HTML 4Page - Micrel Semiconductor MIC2295YML Datasheet HTML 5Page - Micrel Semiconductor MIC2295YML Datasheet HTML 6Page - Micrel Semiconductor MIC2295YML Datasheet HTML 7Page - Micrel Semiconductor MIC2295YML Datasheet HTML 8Page - Micrel Semiconductor MIC2295YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC2295
April 2005
3
M9999-042605
(408) 955-1690
Absolute Maximum Rating
(1)
Supply voltage (VIN)........................................................12V
Switch voltage (VSW) ........................................ -0.3V to 34V
Enable pin voltage (VEN)....................................... -0.3 to VIN
FB Voltage (VFB)...............................................................6V
Switch Current (ISW) ......................................................2.5A
Ambient Storage Temperature (TS)............-65°C to +150°C
ESD Rating
(3)................................................................. 2KV
Operating Range
(2)
Supply Voltage (VIN).......................................... 2.5V to 10V
Junction Temperature Range (TJ)..............-40°C to +125°C
Package Thermal Impedance
θJA 2x2 MLF-8 lead ............................................93°C/W
θJA Thin SOT-23-5 lead ...................................256°C/W
Electrical Characteristics
TA=25
oC, VIN =VEN = 3.6V, VOUT = 15V, IOUT = 40mA, unless otherwise noted. Bold values indicate -40°C ≤ TJ ≤ 125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
10
V
VUVLO
Under-Voltage Lockout
1.8
2.1
2.4
V
IVIN
Quiescent Current
VFB = 2V (not switching)
2.8
5
mA
ISD
Shutdown Current
VEN = 0V
(4)
0.1
1
µA
VFB
Feedback Voltage
(+/-1%)
1.227
1.24
1.252
(+/-2%) (Over Temp)
1.215
1.265
V
IFB
Feedback Input Current
VFB = 1.24V
-450
nA
Line Regulation
3V
≤ VIN ≤ 5V
0.04
1
%
Load Regulation
5mA
≤ IOUT ≤ 40mA
1.5
%
DMAX
Maximum Duty Cycle
85
90
%
ISW
Switch Current Limit
Note 5
1.2
1.7
A
VSW
Switch Saturation Voltage
ISW = 1.2A
600
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
5
µA
VEN
Enable Threshold
TURN ON
TURN OFF
1.5
0.4
V
IEN
Enable Pin Current
VEN = 10V
20
40
µ
A
fSW
Oscillator Frequency
1.05
1.2
1.35
MHz
VOVP
Output over-voltage protection
MIC2295BML only
30
32
34
V
150
°C
TJ
Over-Temperature Threshold
Shutdown
Hysteresis
10
°C
Notes:
1.
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when
operating the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction
temperature, TJ(Max), the junction-to-ambient thermal resistance, θ JA, and the ambient temperature, TA. The maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
2.
This device is not guaranteed to operate beyond its specified operating rating.
3.
IC devices are inherently ESD sensitive. Handling precautions required. Human body model rating: 1.5K in series with 100pF.
4.
ISD = IVIN.
5.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com