Electronic Components Datasheet Search
  English  ▼

X  

LC6543F Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC6543F
Description  One-Time Programmable 4-Bit Single-Chip Microcontroller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC6543F Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC6543F Datasheet HTML 1Page - Sanyo Semicon Device LC6543F Datasheet HTML 2Page - Sanyo Semicon Device LC6543F Datasheet HTML 3Page - Sanyo Semicon Device LC6543F Datasheet HTML 4Page - Sanyo Semicon Device LC6543F Datasheet HTML 5Page - Sanyo Semicon Device LC6543F Datasheet HTML 6Page - Sanyo Semicon Device LC6543F Datasheet HTML 7Page - Sanyo Semicon Device LC6543F Datasheet HTML 8Page - Sanyo Semicon Device LC6543F Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Usage Notes
The LC65P29 is designed for program development and evaluation for systems that use the LC6529N/F/L. The following
points require attention when using this product.
• Mounting notes
Due to the nature of the device, one-time programmable microcontrollers cannot be fully tested prior to shipment. This
means that users must perform the screening process described on page 14.
• ROM ordering procedure when using the Sanyo for-fee ROM writing service
The customer must abide by the following when using the Sanyo for-fee ROM writing service:
— When ordering both one-time programmable and mask versions at the same time
The customer must provide an EPROM for the mask version, the mask version order forms, and the one-time
programmable version order forms.
— When order only the one-time programmable version
The customer must provide an EPROM for the one-time programmable version and the one-time programmable
version order forms. The end area in the EPROM (locations 400 to 404H) is the option specification area and the
customer must program the option specification data in that area. The customer must use the cross assembler
specified by Sanyo.
• Differences between the LC65P29 and the LC6529N/F/L
No. 5894-3/14
LC65P29
Parameter
LC65P29
LC6529N
LC6529F
LC6529L
Ports C and D output option
during reset
High or low can be
specified (option code)
High or low can be specified (mask option)
Port output type during reset
Open-drain output only
(ports A, C, and D)
Open-drain or pull-up register can be specified (mask option)
Oscillator circuit option
CF/RC or EXT can be
specified (option code)
CF/RC or EXT can be
specified (mask option)
CF or EXT can be
specified (mask option)
CF/RC or EXT can be
specified (mask option)
Divider circuit option
1/1, 1/3, or 1/4 can be
specified (option code)
1/1,1/3 or 1/4 can be
specified (mask option)
Only 1/1 is possible
(mask option)
1/1,1/3 or 1/4 can be
specified (mask option)
Comparator input and port E input
option
Comparator or port E can
be specified (option code)
Comparator or port E can be specified (mask option)
Comparator function option
Feedback resistor present
or absent can be specified
(option code)
Feedback resistor present or absent can be specified (mask option)
Minimum cycle time
0.92 µs (VDD ≥ 3.0 V)
2.77 µs (VDD ≥ 3.0 V)
0.92 µs (VDD ≥ 3.0 V)
3.84 µs (VDD ≥ 2.2 V)
Operating temperature
–30 to +70°C
–40 to +85°C
Supply voltage
3.0 to 6.0 V
3.0 to 6.0 V
3.0 to 6.0 V
2.2 to 6.0 V
Current drain
5.0 mA typ.
2.0 mA typ.
2.5 mA typ.
2.0 mA typ.
Reset port input low-level current
–50 µA typ.
–10 µA typ.
Package
DIP24S, MFP30S
DIP24S, SSOP24, MFP30S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com