Electronic Components Datasheet Search
  English  ▼

X  

MIC2601 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2601
Description  1.2A, 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2601 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2601 Datasheet HTML 1Page - Micrel Semiconductor MIC2601 Datasheet HTML 2Page - Micrel Semiconductor MIC2601 Datasheet HTML 3Page - Micrel Semiconductor MIC2601 Datasheet HTML 4Page - Micrel Semiconductor MIC2601 Datasheet HTML 5Page - Micrel Semiconductor MIC2601 Datasheet HTML 6Page - Micrel Semiconductor MIC2601 Datasheet HTML 7Page - Micrel Semiconductor MIC2601 Datasheet HTML 8Page - Micrel Semiconductor MIC2601 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC2601/2
September 2009
2
M9999-090909-A
Ordering Information
Part Number
Marking
Code
(1)
Frequency
Output Over
Voltage Protection
Temperature Range
Package
(2)
Lead Finish
MIC2601YML
RD1
1.2MHz
40V
–40° to +125°C
8-Pin 2mm x 2mm MLF
®
Pb-Free
MIC2602YML
RE1
2MHz
40V
–40° to +125°C
8-Pin 2mm x 2mm MLF
®
Pb-Free
Notes
1.
Overbar (
) symbol my not be to scale.
2.
MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
VIN
VDD
EN
AGND
PGND
SW
FB
SS
1
2
3
4
8
7
6
5
8-Pin 2mm x 2mm MLF
® (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply (Input): 4.5V to 20V input voltage.
2
VDD
Internal regulator. VDD should be connected to VIN when VIN ≤ 7V.
3
EN
Enable (Input): Logic high enables regulator. Logic low shuts down regulator.
4
AGND
Analog Ground
5
SS
Soft Start
6
FB
Feedback (Input): 1.25V output voltage sense node. VOUT = 1.25V ( 1 + R1/R2)
7
SW
Switch Node (Input): Internal power BIPOLAR collector.
8
PGND
Power ground
EP
GND
Ground (Return): Exposed backside pad. Internally fused to AGND and PGND
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com