Electronic Components Datasheet Search
  English  ▼

X  

MIC2602 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2602
Description  1.2A, 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2602 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2602 Datasheet HTML 5Page - Micrel Semiconductor MIC2602 Datasheet HTML 6Page - Micrel Semiconductor MIC2602 Datasheet HTML 7Page - Micrel Semiconductor MIC2602 Datasheet HTML 8Page - Micrel Semiconductor MIC2602 Datasheet HTML 9Page - Micrel Semiconductor MIC2602 Datasheet HTML 10Page - Micrel Semiconductor MIC2602 Datasheet HTML 11Page - Micrel Semiconductor MIC2602 Datasheet HTML 12Page - Micrel Semiconductor MIC2602 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC2601/2
September 2009
10
M9999-090909-A
immunity on the source. The input capacitor should be
as close as possible to the inductor and the MIC2601,
with short traces for good noise performance.
Feedback Resistors
The MIC2601/2 utilizes a feedback pin to compare the
output to an internal reference. The output voltage is
adjusted by selecting the appropriate feedback resistor
network values. The R2 resistor value must be less than
or equal to 1kΩ (R2 ≤ 1kΩ). The desired output voltage
can be calculated as follows:
⎟
⎠
⎞
⎜
⎝
⎛
+
⋅
=
1
2
1
R
R
V
V
REF
OUT
where VREF is equal to 1.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com