Electronic Components Datasheet Search
  English  ▼

X  

MIC2605 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2605
Description  0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2605 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2605 Datasheet HTML 1Page - Micrel Semiconductor MIC2605 Datasheet HTML 2Page - Micrel Semiconductor MIC2605 Datasheet HTML 3Page - Micrel Semiconductor MIC2605 Datasheet HTML 4Page - Micrel Semiconductor MIC2605 Datasheet HTML 5Page - Micrel Semiconductor MIC2605 Datasheet HTML 6Page - Micrel Semiconductor MIC2605 Datasheet HTML 7Page - Micrel Semiconductor MIC2605 Datasheet HTML 8Page - Micrel Semiconductor MIC2605 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC2605/6
September 2009
3
M9999-090909-B
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).......................................................22V
Switch Voltage (VSW)....................................... –0.3V to 40V
Enable Voltage (VEN)......................................... –0.3V to VIN
FB Voltage (VFB)............................................................. VDD
Ambient Storage Temperature (Ts)...........–65°C to +150°C
Lead Temperature (soldering 10sec)......................... 260°C
ESD Rating
(3) (MIC2605)................................................2kV
ESD Rating
(3) (MIC2606).............................................1.5kV
Operating Ratings
(2)
Supply Voltage (VIN).......................................... 4.5V to 20V
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
2mm x 2mm MLF-8 (
θJA) ...................................90°C/W
2mm x 2mm MLF-8 (
θJC) ...................................45°C/W
Electrical Characteristics
(4)
TA = 25°C, VIN = VEN = 12V; unless otherwise noted. Bold values indicate –40°C ≤ TJ ≤ +125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage Range
4.5
20
V
VDD
Internal Regulated Voltage
Note 5
5.8
V
VULVO
Under-voltage Lockout
For VDD
1.8
2.1
2.4
V
IQ
Quiescent Current
VFB = 2V (not switching)
4.2
6
mA
ISD
Shutdown Current
VEN = 0V, Note 6
0.1
10
µA
(±2%)
1.225
1.25
1.275
V
VFB
Feedback Voltage
(±3%) (over temperature)
1.212
1.288
V
IFB
Feedback Input Current
VFB = 1.25V
–550
nA
Line Regulation
8V ≤ VIN ≤ 14V, VOUT = 18V
0.04
1
%
Load Regulation
5mA ≤ IOUT ≤ 40mA, VOUT = 18V, Note 7
1.5
%
DMAX
Maximum Duty Cycle
MIC2605
MIC2606
85
80
%
%
ISW
Switch Current Limit
Note 7
0.5
0.8
A
VSW
Switch Saturation Voltage
ISW = 0.5A
600
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 18V
0.01
5
µA
VEN
Enable Threshold
Turn ON
Turn OFF
1.5
0.3
V
V
IEN
Enable Pin Current
VEN = 12V
20
40
µA
Oscillator Frequency (MIC2605)
1.02
1.2
1.38
MHz
fSW
Oscillator Frequency (MIC2606)
1.7
2
2.3
MHz
VD
Schottky Forward Drop
ID = 1mA
ID = 150mA
450
850
mV
mV
IRD
Schottky Leakage Current
VR = 30V
0.1
4
µA
VOVP
Output Over-voltage Protection
15% Over programmed VOUT
10
15
20
%
150
°C
TJ
Over-temperature Threshold
Shutdown
Hysteresis
10
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(Max), the
junction-to-ambient thermal resistance, θ JA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive die
temperature, and the regulator will go into thermal shutdown.
2. The device is not guaranteed to function outside its operating rating.
3. IC devices are inherently ESD sensitive. Handling precautions required. Human body model rating: 1.5k in series with 100pF.
4. Specification for packaged product only.
5. Connect VDD pin to VIN pin when VIN ≤ 7V.
6. ISD = IVIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com