Electronic Components Datasheet Search
  English  ▼

X  

MIC2785 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2785
Description  Dual Supply Voltage Monitor with Manual Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2785 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2785 Datasheet HTML 1Page - Micrel Semiconductor MIC2785 Datasheet HTML 2Page - Micrel Semiconductor MIC2785 Datasheet HTML 3Page - Micrel Semiconductor MIC2785 Datasheet HTML 4Page - Micrel Semiconductor MIC2785 Datasheet HTML 5Page - Micrel Semiconductor MIC2785 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Micrel, Inc.
MIC2785
March 2009
5
M9999-031709-A
Functional Diagram
Application Information
Design and Product Advantages
The MIC2785’s tiny 1.2mm x 1.2mm Thin MLF
® package
combined with no external components offers several
advantages
compared
to
conventional
voltage
supervisors.
Tremendous savings are captured with decreased board
size, reduced circuit complexity, and decreased bill of
material (BOM) cost.
Power Supply Input (VDD)
The VDD pin provides a stable input power for the
internal circuitry. This insures that the reference circuitry
and monitoring circuitry have a stable voltage over the
entire operating voltage range.
Supply bypassing is not required. However, bypassing
may be valuable depending on the quality of the system
voltage to which the VDD pin is connected. If bypassing
is added, connect the capacitor(s) as closely as possible
to the VDD pin. Place the lowest value capacitors
closest to the VDD pin.
Under-Voltage Detector Input (VIN)
The largest portion of the monitoring circuitry is the VIN
comparator. The VIN pin is connected to the non-
inverting terminal of the comparator. The internal
reference is connected to the inverting terminal of the
comparator. A reset is triggered when VIN falls below
VREF. The VIN pin circuitry includes hysteresis to prevent
/RST pin chattering due to noise. The VIN pin is
relatively immune to very brief negative-going transients.
Reset Output (/RST)
The /RST pin is a complementary push-pull output,
which source and sink current. The reset output is
asserted any time the VIN pin voltage is less than the
threshold voltage (VIN < VTH) or the /MR pin is asserted.
The /RST pin responds very quickly to reset conditions,
typically asserting within 5µs of VIN < VTH.
The MIC2785 securely monitors the supply voltage of
critical
components
like
microcontrollers
and
microprocessors.
With
the
MIC2785’s
/RST
pin
connected to the
μP’s reset pin, the processor will be
properly reset at power on and during power-down and
brown-out conditions.
Manual Reset Input (/MR)
The /MR pin provides the ability to initiate a reset via
external logic or a manual switch. This is in addition to
the MIC2785’s automatic voltage monitoring function.
Asserting the /MR input to a logic low causes an
immediate and unconditional reset. Assuming the VIN
pin voltage is within tolerance when /MR is released
(returns high), the reset output will be de-asserted. /MR
is internally pulled-up to VDD and may be left floating/
open if unused.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com