Electronic Components Datasheet Search
  English  ▼

X  

MIC4452 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4452
Description  12A-Peak Low-Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4452 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4452 Datasheet HTML 1Page - Micrel Semiconductor MIC4452 Datasheet HTML 2Page - Micrel Semiconductor MIC4452 Datasheet HTML 3Page - Micrel Semiconductor MIC4452 Datasheet HTML 4Page - Micrel Semiconductor MIC4452 Datasheet HTML 5Page - Micrel Semiconductor MIC4452 Datasheet HTML 6Page - Micrel Semiconductor MIC4452 Datasheet HTML 7Page - Micrel Semiconductor MIC4452 Datasheet HTML 8Page - Micrel Semiconductor MIC4452 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel Inc.
MIC4451/4452
January 2011
3
M9999-011811
Absolute Maximum Ratings
(1,2, 3)
Supply Voltage ..............................................................20V
Input Voltage .................................... VS + 0.3V to GND −5V
Input Current (VIN > VS) .................................................5mA
Power Dissipation, TAMBIENT ≤ 25°C
PDIP ..................................................................960mW
SOIC ................................................................1040mW
5-Pin TO-220 ............................................................2W
Power Dissipation, TCASE ≤ 25°C
5-Pin TO-220 .......................................................12.5W
Derating Factors (to Ambient)
PDIP ..............................................................7.7mW/°C
SOIC ..............................................................8.3mW/°C
5-Pin TO-220 ..................................................17mW/°C
Storage Temperature ................................
−65°C to +150°C
Lead Temperature(10 sec) ........................................ 300°C
Operating Ratings
Operating Temperature (Chip) .................................. 150°C
Operating Temperature (Ambient)
Z Version .................................................. 0°C to +70°C
Y Version.............................................
−40°C to + 85°C
Thermal Impedances (To Case)
5-Pin TO-220(θJC) ........................................... 10°C/W
Electrical Characteristics
(4)
(TA=25
oC, with 4.5V ≤ VS ≤ 18V unless otherwise specified.)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Input
VIH
Logic 1 Input Voltage
2.4
1.3
V
VIL
Logic 0 Input Voltage
1.1
0.8
V
VIN
Input Voltage Range
−5
VS + .3
V
IIN
Input Current
0 ≤ VIN ≤ VS
−10
10
μA
Output
VOH
High Output Voltage
See Figure 1
VS−.025
V
VOL
Low Output Voltage
See Figure 1
.025
V
RO
Output Resistance,
Output High
IOUT = 10mA, VS = 18V
0.6
1.5
Ω
RO
Output Resistance, Output Low
IOUT = 10mA, VS = 18V
0.8
1.5
Ω
IPK
Peak Output Current
VS = 18V (See Figure 6)
12
A
IDC
Continuous Output Current
2
A
IR
Latch-up Protection
Withstand Reverse Current
Duty Cycle ≤ 2%
t ≤ 300μs
>1500
mA
Switching Time
(3)
tR
Rise Time
Test Figure 1, CL = 15,000pF
20
40
ns
tF
Fall Time
Test Figure 1, CL = 15,000pF
24
50
ns
tD1
Delay Time
Test Figure 1
25
50
ns
tD2
Delay Time
Test Figure 1
40
60
ns
Power Supply
IS
Power Supply Current
VIN = 3V
VIN = 0V
0.4
80
1.5
150
mA
μA
VS
Operating Input Voltage
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com