Electronic Components Datasheet Search
  English  ▼

X  

MIC4574YN Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4574YN
Description  200kHz Simple 0.5A Buck Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4574YN Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC4574YN Datasheet HTML 1Page - Micrel Semiconductor MIC4574YN Datasheet HTML 2Page - Micrel Semiconductor MIC4574YN Datasheet HTML 3Page - Micrel Semiconductor MIC4574YN Datasheet HTML 4Page - Micrel Semiconductor MIC4574YN Datasheet HTML 5Page - Micrel Semiconductor MIC4574YN Datasheet HTML 6Page - Micrel Semiconductor MIC4574YN Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MIC4574
Micrel, Inc.
M9999-062105
6
June 2005
Applications Information
The applications circuits that follow have been constructed
and tested. Refer to “Application Note 15” for additional
information, including efficiency graphs and manufacturer’s
addresses and telephone numbers for most circuits.
C1
47µF
35V
D1
1N5819
C2
220µF
16V
L1
100µH
SGND
FB
SW
MIC4574-3.3BN
SHDN
6V to 24V
3.3V/0.5A
VIN
C1 Nichicon
UPL1V470MEH, ESR = 0.34Ω
C2 Nichicon
UPL1C221MPH, ESR = 0.16Ω
D1 Motorola
1N5819
L1
Sumida
RCH875-101K, DCR = 0.28Ω
PGND
24
1
7
3
5
Figure 1. 6V–24V to 3.3V/0.5A Buck Converter
Through Hole
C1
47µF
35V
D1
1N5819
C2
220µF
16V
L1
100µH
SGND
FB
SW
MIC4574-5.0BN
SHDN
8V to 24V
5.0V/0.5A
VIN
C1 Nichicon
UPL1J470MEH, ESR = 0.34Ω
C2 Nichicon
UPL1C221MPH, ESR = 0.16Ω
D1 Motorola
1N5819
L1
Sumida
RCH875-101K, DCR = 0.28Ω
PGND
24
1
7
3
5
Figure 2. 8V–24V to 5V/0.5A Buck Converter
Through Hole
C1
33µF
63V
MBR160
C2
220µF
16V
L1
220µH
SGND
FB
SW
MIC4574BN
SHDN
16V to 24V
12V/0.5A
VIN
R2
13.0k
1%
R1
1.50k
1%
C1 Nichicon
UPL1J330MEH, ESR = 0.35Ω
C2 Nichicon
UPL1C221MPH, ESR = 0.16Ω
D1 Motorola
MBR160
L1
Sumida
RCH106-221K, DCR = 0.78Ω
PGND
1
7
4
2
5
3
Figure 3. 16V–24V to 12V/0.5A Buck Converter
Through Hole
For a mathematical approach to component selection and
circuit design, refer to “Application Note 14.”



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com