Electronic Components Datasheet Search
  English  ▼

X  

MIC4575BU Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4575BU
Description  200kHz Simple 1A Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4575BU Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4575BU Datasheet HTML 1Page - Micrel Semiconductor MIC4575BU Datasheet HTML 2Page - Micrel Semiconductor MIC4575BU Datasheet HTML 3Page - Micrel Semiconductor MIC4575BU Datasheet HTML 4Page - Micrel Semiconductor MIC4575BU Datasheet HTML 5Page - Micrel Semiconductor MIC4575BU Datasheet HTML 6Page - Micrel Semiconductor MIC4575BU Datasheet HTML 7Page - Micrel Semiconductor MIC4575BU Datasheet HTML 8Page - Micrel Semiconductor MIC4575BU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micrel, Inc.
MIC4575
July 2009
2
M9999-072909
Ordering Information
Part Number
Standard
RoHS Compliant*
Voltage
Temperature Range
Package
MIC4575-3.3BT
MIC4575-3.3WT
3.3V
–40° to +85°C
5-Pin TO-220
MIC4575-5.0BT
MIC4575-5.0WT
5.0V
–40° to +85°C
5-Pin TO-220
MIC4575BT
MIC4575WT
Adj.
–40° to +85°C
5-Pin TO-220
MIC4575-3.3BU
MIC4575-3.3WU
3.3V
–40° to +85°C
5-Pin TO-263
MIC4575-5.0BU
MIC4575-5.0WU
5.0V
–40° to +85°C
5-Pin TO-263
MIC4575BU
MIC4575WU
Adj.
–40° to +85°C
5-Pin TO-263
* RoHS compliant with ‘high-melting solder’ exemption.
Pin Configuration
5 SHDN
4FB
3 GND
2SW
1 VIN
5-Pin TO-220 (T)
5-Pin TO-263 (U)
Pin Description
Pin Number
Pin Name
Pin Function
1
IN
Supply Voltage (Input): Unregulated +4V to +40V supply voltage.
2
SW
Switch (Output): Emitter of NPN output switch. Connect to external storage
inductor and Shottky diode.
3, TAB
GND
Ground.
4
FB
Feedback (Input): Output voltage feedback to regulator. Connect to output of
supply for fixed versions. Connect to 1.23V tap of resistive divider for adjustable
versions.
5
SHDN
Shutdown (Input): Logic low enables regulator. Logic high (> 2.4V) shuts down
regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com