Electronic Components Datasheet Search
  English  ▼

X  

MIC4722YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4722YML
Description  3mm x 3mm 2.7MHz 3A PWM Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4722YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4722YML Datasheet HTML 1Page - Micrel Semiconductor MIC4722YML Datasheet HTML 2Page - Micrel Semiconductor MIC4722YML Datasheet HTML 3Page - Micrel Semiconductor MIC4722YML Datasheet HTML 4Page - Micrel Semiconductor MIC4722YML Datasheet HTML 5Page - Micrel Semiconductor MIC4722YML Datasheet HTML 6Page - Micrel Semiconductor MIC4722YML Datasheet HTML 7Page - Micrel Semiconductor MIC4722YML Datasheet HTML 8Page - Micrel Semiconductor MIC4722YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Micrel, Inc.
MIC4722
May 2010
3
M9999-051410-C
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).......................................................+6V
Output Switch Voltage (VSW). .........................................+6V
Output Switch Current (SW).............................................11A
Logic Input Voltage (VEN) .................................. –0.3V to VIN
Storage Temperature (Ts) .........................–60°C to +150°C
Junction Temperature ................................................ 150°C
EDS Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply voltage (VIN) ..................................... +2.7V to +5.5V
Logic Input Voltage (VEN) ....................................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
3x3 MLF-12 (θJA) ...............................................60°C/W
Electrical Characteristics
(4)
VIN = VEN = 3.6V; L = 0.47µH; COUT = 4.7µF; TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout Threshold
(turn-on)
2.45
2.55
2.65
V
UVLO Hysteresis
100
mV
Quiescent Current
VFB = 0.9 * VNOM (not switching)
570
900
µA
Shutdown Current
VEN = 0V
2
10
µA
[Adjustable] Feedback Voltage
± 1% ILOAD = 100mA
± 2% (over temperature) ILOAD = 100mA
0.99
0.98
1
1.01
1.02
V
FB pin input current
1
nA
Current Limit
VFB = 0.9 * VNOM
3.5
5
A
Output Voltage Line Regulation
VOUT > 2V; VIN = VOUT+500mV to 5.5V; ILOAD= 100mA
VOUT < 2V; VIN = 2.7V to 5.5V; ILOAD= 100mA
0.07
%
Output Voltage Load Regulation
20mA < ILOAD < 3A
0.2
%
Maximum Duty Cycle
VFB ≤ 0.4V
100
%
Switch ON-Resistance
ISW = 50mA VFB = 0.7VFB_NOM (High Side Switch)
95
200
300
mΩ
Oscillator Frequency
2.4
2.7
3.0
MHz
Enable Threshold
0.5
0.85
1.3
V
Enable Hysteresis
50
mV
Enable Input Current
0.1
2
µA
Power Good Range
±7
±10
%
Power Good Resistance
IPGOOD = 500µA
145
250
Ω
Over-Temperature Shutdown
150
°C
Over-Temperature Hysteresis
25
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com