Electronic Components Datasheet Search
  English  ▼

X  

MIC4724 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4724
Description  3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4724 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4724 Datasheet HTML 1Page - Micrel Semiconductor MIC4724 Datasheet HTML 2Page - Micrel Semiconductor MIC4724 Datasheet HTML 3Page - Micrel Semiconductor MIC4724 Datasheet HTML 4Page - Micrel Semiconductor MIC4724 Datasheet HTML 5Page - Micrel Semiconductor MIC4724 Datasheet HTML 6Page - Micrel Semiconductor MIC4724 Datasheet HTML 7Page - Micrel Semiconductor MIC4724 Datasheet HTML 8Page - Micrel Semiconductor MIC4724 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
MIC4724
June 2008
4
M9999-062408-A
Typical Characteristics
64
66
68
70
72
74
76
78
80
82
84
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
1VOUT Efficiency
3VIN
3.6VIN
3.3VIN
60
62
64
66
68
70
72
74
76
78
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
1VOUT Efficiency
4.5VIN
5.5VIN
5VIN
0
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
1.2VOUT Efficiency
3.3VIN
3.6VIN
3VIN
0
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
1.2VOUT Efficiency
4.5VIN
5.5VIN
5VIN
0
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
1.5VOUT Efficiency
3.3VIN
3.6VIN
3VIN
64
66
68
70
72
74
76
78
80
82
84
86
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
1.5VOUT Efficiency
4.5VIN
5.5VIN
5VIN
0
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
1.8VOUT Efficiency
3.3VIN
3.6VIN
3VIN
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
1.8VOUT Efficiency
4.5VIN
5.5VIN
5VIN
0
80
82
84
86
88
90
92
94
96
98
100
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
2.5VOUT Efficiency
3.3VIN
3.6VIN
3VIN
0
80
82
84
86
88
90
92
94
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
2.5VOUT Efficiency
5VIN
5.5VIN
4.5VIN
0
76
78
80
82
84
86
88
90
92
94
96
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
3.3VOUT Efficiency
4.5VIN
5.5VIN
5VIN
0
Load Regulation
3.3V
0.990
0.995
1.000
1.005
1.010
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com