Electronic Components Datasheet Search
  English  ▼

X  

KAM1524 Datasheet(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Part # KAM1524
Description  AC - DC POWER MODULE 13 ~ 15W UL / cUL / TUV / CE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

KAM1524 Datasheet(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  KAM1524 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. KAM1524 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. KAM1524 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. KAM1524 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - KAM1524

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
KAM1524 CHINFA-KAM1524 Datasheet
384Kb / 4P
AC - DC POWER MODULE 13 ~ 15W UL / cUL / TUV / CE
KAM1524 CHINFA-KAM1524 Datasheet
249Kb / 4P
AC - DC POWER MODULE 13 ~ 15W SINGLE & DUAL OUTPUT
More results

Similar Description - KAM1524

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
KADN3003 CHINFA-KADN3003 Datasheet
303Kb / 4P
AC - DC POWER MODULE 20 ~ 30W UL / cUL / TUV / CE
KADN4003 CHINFA-KADN4003 Datasheet
304Kb / 4P
AC - DC POWER MODULE 28 ~ 40W UL / cUL / TUV / CE
KAM0703 CHINFA-KAM0703 Datasheet
318Kb / 3P
AC - DC POWER MODULE 6.3 ~ 7.6W UL / cUL / TUV / CE
KAM1003 CHINFA-KAM1003 Datasheet
389Kb / 4P
AC - DC POWER MODULE 10W UL / cUL / TUV / CE
KAM1503 CHINFA-KAM1503 Datasheet
384Kb / 4P
AC - DC POWER MODULE 13 ~ 15W UL / cUL / TUV / CE
KAMN3003 CHINFA-KAMN3003 Datasheet
302Kb / 4P
AC - DC POWER MODULE 20 ~ 30W UL / cUL / TUV / CE
KAMN4003 CHINFA-KAMN4003 Datasheet
301Kb / 4P
AC - DC POWER MODULE 28 ~ 40W UL / cUL / TUV / CE
KAD1503 CHINFA-KAD1503 Datasheet
226Kb / 4P
OPEN FRAME AC - DC POWER MODULE 13 ~ 15W UL / cUL / TUV / CE
KAM1003 CHINFA-KAM1003_10 Datasheet
224Kb / 4P
AC - DC POWER MODULE 10W UL / cUL / TUV / CE
KAMN4003 CHINFA-KAMN4003_10 Datasheet
265Kb / 4P
AC - DC POWER MODULE 28 ~ 40W UL / cUL / TUV / CE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com