Electronic Components Datasheet Search
  English  ▼

X  

LC65P43 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC65P43
Description  One-Time Programmable 4-Bit Single-Chip Microcontroller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC65P43 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC65P43 Datasheet HTML 6Page - Sanyo Semicon Device LC65P43 Datasheet HTML 7Page - Sanyo Semicon Device LC65P43 Datasheet HTML 8Page - Sanyo Semicon Device LC65P43 Datasheet HTML 9Page - Sanyo Semicon Device LC65P43 Datasheet HTML 10Page - Sanyo Semicon Device LC65P43 Datasheet HTML 11Page - Sanyo Semicon Device LC65P43 Datasheet HTML 12Page - Sanyo Semicon Device LC65P43 Datasheet HTML 13Page - Sanyo Semicon Device LC65P43 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
No. 5894-13/14
LC65P29
Figure 2 Two-Pin RC Oscillator Circuit
Figure 3 Ceramic Oscillator Circuit
Figure 4 Oscillator Stabilization Time
Figure 5 Comparator Response Speed TRS Timing
Note: The reset period due to a CRES with a value of 0.68 µF will be 10 to 100 ms
when the power supply rise time is zero.
If the power supply rise time is relatively long, increase the value of CRES
so that the reset time is at least 10 ms, which is the oscillator stabilization
time.
Figure 6 Reset Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com