Electronic Components Datasheet Search
  English  ▼

X  

MIC5271 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5271
Description  關Cap Negative Low-Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5271 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5271 Datasheet HTML 1Page - Micrel Semiconductor MIC5271 Datasheet HTML 2Page - Micrel Semiconductor MIC5271 Datasheet HTML 3Page - Micrel Semiconductor MIC5271 Datasheet HTML 4Page - Micrel Semiconductor MIC5271 Datasheet HTML 5Page - Micrel Semiconductor MIC5271 Datasheet HTML 6Page - Micrel Semiconductor MIC5271 Datasheet HTML 7Page - Micrel Semiconductor MIC5271 Datasheet HTML 8Page - Micrel Semiconductor MIC5271 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
October 2003
3
MIC5271
MIC5271
Micrel
Absolute Maximum Ratings (Note 1)
Input Voltage (V
–IN) ...................................... –20V to +0.3V
Enable Voltage (V
EN) .................................... –20V to +20V
Power Dissipation (P
D) ............................ Internally Limited
Junction Temperature (T
J) ....................... –40°C to +125°C
Lead Temperature (soldering, 5 sec.) ....................... 260°C
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Input Voltage (V
IN) ....................................... –16V to –3.3V
Enable Voltage (V
EN) .................................... –16V to +16V
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance (θJA) Note 4 ......................... 235°C/W
Electrical Characteristics (Note 5)
V
IN = VOUT – 1.0V; COUT = 4.7µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Output Voltage Accuracy
Variation from nominal V
OUT
–2
2
%
–3
3
%
∆VOUT/∆T
Output Voltage Temperature
Note 6
100
ppm/°C
Coefficient
∆VOUT/VOUT Line Regulation
V
IN = VOUT – 1V to –16V
0.04
0.15
%/V
0.2
∆VOUT/VOUT Load Regulation
I
OUT = 100µA to 100mA, Note 7
0.4
1.8
%
2.0
%
V
IN – VOUT
Dropout Voltage, Note 8
I
OUT = 100µA55
mV
I
OUT = 50mA
360
500
mV
I
OUT = 100mA
500
700
mV
900
I
GND
Ground Current, Note 9
I
OUT = 100µA25
100
µA
I
OUT = 50mA
0.9
mA
I
OUT = 100mA
2.0
3.0
mA
I
GND_SD
Ground current in shutdown
V
EN = ±0.6V
–1.0
0.1
+1.0
µA
PSRR
Ripple Rejection
f = 120Hz
50
dB
I
LIMIT
Current Limit
V
OUT = 0V
235
350
mA
Enable Input
T
ON
Turn-on Time
Time to V
OUT = 90% nom.
60
µs
V
EN
Input Low voltage
Regulator OFF
±0.6
V
Input High Voltage
Regulator ON
±2.0
V
I
EN
Enable Input Current
V
EN = ± 0.6V and –2.0V
0.1
µA
V
EN = +2.0V
5.6
10.0
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
The maximum allowable power dissipation is a function of the maximum junction temperature, T
J(max), the junction-to-ambient thermal
resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
P
D(max) = (TJ(max) –TA) / θJA, where θJA is 235°C/W. Exceeding the maximum allowable power dissipation will result in excessive die
temperature, and the regulator will go into thermal shutdown. See the
“Thermal Considerations” section for details.
Note 5.
Specification for packaged product only.
Note 6.
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 7.
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load
range from 100µA to 100mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 8.
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential.
Note 9.
Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of
the load current plus the ground pin current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com