Electronic Components Datasheet Search
  English  ▼

X  

MIC5280 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5280
Description  25mA, 120V, Low IQ, High PSRR LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5280 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5280 Datasheet HTML 1Page - Micrel Semiconductor MIC5280 Datasheet HTML 2Page - Micrel Semiconductor MIC5280 Datasheet HTML 3Page - Micrel Semiconductor MIC5280 Datasheet HTML 4Page - Micrel Semiconductor MIC5280 Datasheet HTML 5Page - Micrel Semiconductor MIC5280 Datasheet HTML 6Page - Micrel Semiconductor MIC5280 Datasheet HTML 7Page - Micrel Semiconductor MIC5280 Datasheet HTML 8Page - Micrel Semiconductor MIC5280 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC5280
January 2009
3
M9999-012209-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) ..................................... –24V to +120V
Enable Voltage (VEN)...................................... –1V to +120V
Power Dissipation (PD) ........................... Internally Limited
(3)
Max Reflow Temperature (per IPC/JEDEC 20°C) ..... 260°C
Junction Temperature (TJ) ........................–40°C to +150°C
Storage Temperature (TS).........................–65°C to +150°C
ESD Rating
(4).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)...................................... 4.5V to +120V
Enable Voltage (VEN)........................................ 0V to +120V
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
EPAD SOIC-8 (
θJA)............................................41°C/W
Electrical Characteristics
(5)
VIN = 12V; VEN = 2V; COUT = 2.2µF; CBYP = 10µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless
noted.
Parameter
Condition
Min
Typ
Max
Units
Variation from nominal VOUT
–2
+2
%
Output Voltage Accuracy
Variation from nominal VOUT, –40°C to +125°C
–3
+3
%
ADJ Pin Voltage
1.219
V
Line Regulation
(6)
ΔVIN = 6.5V to 120V
–0.5
0.04
0.5
%
Load Regulation
(7)
IOUT = 100µA to 25mA
–0.5
0.2
0.5
%
IOUT = 100µA; VIN = 4.5V; Adjust Pin = 0V
0
430
700
mV
IOUT = 10mA; VIN = 4.5V; Adjust Pin = 0V
0
800
1000
mV
Dropout Voltage
IOUT = 25mA; VIN = 4.5V; Adjust Pin = 0V
0
1100
1500
mV
IOUT = 100µA
0
31
50
µA
Ground Pin Current
IOUT = 25mA
0
260
400
µA
VEN ≤ 0.3V
0
0.02
1
µA
Ground Pin Current in Shutdown
VEN ≤ 0.3V, –40°C to +125°C
0
5
µA
Ripple Rejection
f = up to 1kHz
80
dB
VOUT = 0V; VIN = 4.5V
40
70
mA
Current Limit
VOUT = 0V; VIN = 14.4V
70
100
mA
IDD Reverse Battery
VIN = –24V; VEN = 0.3V
0.4
0.03
50
µA
IOUT Reverse Current
VIN = 0V; VOUT = 5V; VEN = 0.3V
3
10
µA
ADJ Pin Current
3.3
nA
Output Voltage Noise
120
µVRMS
Enable Input
Logic Low
0.3
V
Enable Input Voltage
Logic High
2.0
V
VEN ≤ 0.3V; VIN = 12V
0
0.02
1
µA
VEN ≥ 2.0V; VIN = 12V
0
0.12
1
µA
Enable Input Current
VIN = 4.5V; VEN = 120V
0
0.15
10
µA
Turn-on Time
COUT = 2.2µF; IOUT = 25mA
0.1
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com