Electronic Components Datasheet Search
  English  ▼

X  

MIC5304 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5304
Description  Single 150mA Low Operating Current LDO with Dual Voltage Pin Select
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5304 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5304 Datasheet HTML 1Page - Micrel Semiconductor MIC5304 Datasheet HTML 2Page - Micrel Semiconductor MIC5304 Datasheet HTML 3Page - Micrel Semiconductor MIC5304 Datasheet HTML 4Page - Micrel Semiconductor MIC5304 Datasheet HTML 5Page - Micrel Semiconductor MIC5304 Datasheet HTML 6Page - Micrel Semiconductor MIC5304 Datasheet HTML 7Page - Micrel Semiconductor MIC5304 Datasheet HTML 8Page - Micrel Semiconductor MIC5304 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC5304
November 2008
4
M9999-111908-A
Typical Characteristics
0
-10
-20
-30
-40
-50
-60
-70
-80
Power Supply
Rejection Ratio (VSEL=High)
1
FREQUENCY (kHz)
0.1
10
100
1K
VIN = VOUT +1V
VOUT = 3.15V
COUT = 1µF
100mA
50mA
150mA
10K
0
-10
-20
-30
-40
-50
-60
-70
-80
Power Supply
Rejection Ratio (VSEL=Low)
1
FREQUENCY (kHz)
0.1
10
100
10K
VIN = VOUT +1V
VOUT = 1.85V
COUT = 1µF
100mA
50mA
150mA
1K
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
00.5 11.5 22.5 3 3.5 44.5 55.5
INPUT VOLTAGE (V)
Output Voltage vs.
Input Voltage (VSEL=High)
100µA
150mA
VOUT = 3.15V
COUT = 1µF
0
0.2
0.4
0.6
0.8
1.2
1.4
1.6
1.8
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
INPUT VOLTAGE (V)
1.0
2.0
Output Voltage vs.
Input Voltage (VSEL=Low)
100µA
150mA
VOUT = 1.85V
COUT = 1µF
2.8
3.0
3.2
3.4
Output Voltage vs.
Temperature (VSEL=High)
-40 -20 0 2040 6080 100 120
TEMPERATURE (°C)
VIN = VOUT + 1V
vOUT = 3.15V
CIN = COUT = 1µF
IOUT = 100µA
1.6
1.7
1.8
1.9
2.0
Output Voltage vs.
Temperature (VSEL=Low)
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = VOUT +1V
VOUT = 1.85V
CIN = COUT = 1µF
IOUT = 100µA
2.6
2.8
3.0
3.2
3.4
0
255075 100 125 150
OUTPUT CURRENT (mA)
Output Voltage vs.
Output Current (VSEL=High)
VIN = VSEL = VEN = VOUT +1V
VOUT = 3.15V
CIN = COUT = 1µF
1.4
1.6
1.8
2.0
2.2
0
255075 100 125 150
OUTPUT CURRENT (mA)
Output Voltage vs.
Output Current (VSEL=Low)
VIN = VEN = VOUT +1V
VSEL = 0V
VOUT = 1.85V
CIN = COUT = 1µF
20
22
24
26
28
30
3.54
4.55
5.5
INPUT VOLTAGE (V)
Ground Current
vs. Input Voltage
100µA
150mA
VIN = VEN
VOUT = 3.15V
CIN = COUT = 1µF
20
22
24
26
28
0
255075 100 125 150
OUTPUT CURRENT (mA)
20
Ground Current
vs. Output Current
VEN = VIN = VOUT + 1V
VOUT = 3.15V
CIN = COUT = 1µF
450
475
500
525
550
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Current Limit vs.
Input Voltage (VSEL=High)
VOUT = 3.15V
CIN = COUT = 1µF
450
475
500
525
550
2.53
3.54
4.55
5.5
INPUT VOLTAGE (V)
Current Limit vs.
Input Voltage (VSEL=Low)
VOUT = 1.85V
CIN = COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com