Electronic Components Datasheet Search
  English  ▼

X  

MIC5327 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5327
Description  300mA Low Quiescent Current LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5327 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5327 Datasheet HTML 1Page - Micrel Semiconductor MIC5327 Datasheet HTML 2Page - Micrel Semiconductor MIC5327 Datasheet HTML 3Page - Micrel Semiconductor MIC5327 Datasheet HTML 4Page - Micrel Semiconductor MIC5327 Datasheet HTML 5Page - Micrel Semiconductor MIC5327 Datasheet HTML 6Page - Micrel Semiconductor MIC5327 Datasheet HTML 7Page - Micrel Semiconductor MIC5327 Datasheet HTML 8Page - Micrel Semiconductor MIC5327 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC5327
300mA Low Quiescent Current LDO
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2008
M9999-093008-A
General Description
The MIC5327 is a low quiescent current, low dropout
regulator designed for optimal performance in a small
space. The MIC5327 is capable of sourcing 300mA of
output current while only consuming 24µA of operating
current. This high performance LDO offers Low dropout,
fast transient response, good PSRR, and low output
voltage noise.
The MIC5327 is an ideal solution for battery operated
applications due to ultra low quiescent current and
extremely low dropout voltage of 180mV at 300mA.
Equipped with a TTL logic compatible enable pin, the
MIC5327 can be put into a zero-off-mode current state,
drawing virtually no current when disabled.
Board space and component cost is minimized because
the MIC5327 operates with very small 1μF ceramic
capacitors, provides fixed output voltages, and is available
in the tiny 1.2mm x 1.6mm Thin MLF
® package.
MIC5327 also features thermal shutdown and current limit
protection.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 300mA output current
• Input voltage range: 2.3V to 5.5V
• Low 24µA operating current
• Low dropout voltage of 180mV @ 300mA
• Fixed output voltages
• Stable with 1μF ceramic capacitors
• Thermal shutdown and current limit protection
• Tiny 4-pin 1.2mm x 1.6mm Thin MLF® package
Applications
• Mobile Phones
• GPS and Navigation Devices
• Portable Media Players
• Digital still and video cameras
• PDAs
• Portable Electronics
___________________________________________________________________________________________________________
Typical Application
MIC5327-xxYMT
VIN
VEN
VOUT
GND
1µF
1µF
VBAT
VOUT


Similar Part No. - MIC5327

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5320-1.8/1.5YD6 MICREL-MIC5320-1.8/1.5YD6 Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
MIC5320-1.8/1.5YD6 MICREL-MIC5320-1.8/1.5YD6 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5320-1.8/1.5YML MICREL-MIC5320-1.8/1.5YML Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
More results

Similar Description - MIC5327

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
Low Quiescent Current LDO
2007
logo
Taiwan Semiconductor Co...
TS9012 TSC-TS9012 Datasheet
221Kb / 5P
300mA Low Quiescent Current CMOS LDO with Enable Function
logo
Unisonic Technologies
LM5954 UTC-LM5954 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
Low Quiescent Current LDO
logo
AiT Semiconductor Inc.
A6345A AITSEMI-A6345A Datasheet
650Kb / 11P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.0
logo
Major-Power Technology ...
MA3001 MPOWER-MA3001 Datasheet
122Kb / 2P
300mA Ultra-Low Quiescent Current LDO
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com