Electronic Components Datasheet Search
  English  ▼

X  

MIC5376 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5376
Description  High Performance Low Dropout 150mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5376 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5376 Datasheet HTML 5Page - Micrel Semiconductor MIC5376 Datasheet HTML 6Page - Micrel Semiconductor MIC5376 Datasheet HTML 7Page - Micrel Semiconductor MIC5376 Datasheet HTML 8Page - Micrel Semiconductor MIC5376 Datasheet HTML 9Page - Micrel Semiconductor MIC5376 Datasheet HTML 10Page - Micrel Semiconductor MIC5376 Datasheet HTML 11Page - Micrel Semiconductor MIC5376 Datasheet HTML 12Page - Micrel Semiconductor MIC5376 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micrel, Inc.
MIC5375/6/7/8
January 2009
9
M9999-011309-B
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit. The junction-to-
ambient thermal resistance for the minimum footprint is
250°C/W.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating the MIC5375-2.8YMT at
an input voltage of 3.6V and 150mA load with a
minimum footprint layout, the maximum ambient
operating temperature TA can be determined as follows:
0.12W = (125°C – TA)/(250°C/W)
TA = 95°C
Therefore the maximum ambient operating temperature
of 95°C is allowed in a 1mm x 1mm TMLF
® package. For
a full discussion of heat sinking and thermal effects on
voltage regulators, refer to the “Regulator Thermals”
section of Micrel’s Designing with Low-Dropout Voltage
Regulators
handbook. This information can be found on
Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com