Electronic Components Datasheet Search
  English  ▼

X  

MIC7211 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC7211
Description  IttyBitty Rail-to-Rail Input Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7211 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC7211 Datasheet HTML 1Page - Micrel Semiconductor MIC7211 Datasheet HTML 2Page - Micrel Semiconductor MIC7211 Datasheet HTML 3Page - Micrel Semiconductor MIC7211 Datasheet HTML 4Page - Micrel Semiconductor MIC7211 Datasheet HTML 5Page - Micrel Semiconductor MIC7211 Datasheet HTML 6Page - Micrel Semiconductor MIC7211 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
October 2009
3
M9999-100909
Micrel, Inc.
MIC7211/7221
DC Electrical Characteristics (5V)
VV+ = +5.0V, VV– = 0V, VCM = VOUT = VV+/2; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; Note 7; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOS
Input Offset Voltage
2
10
mV
TCVOS
Input Offset Voltage
1
µV/°C
Temperature Drift
TCVOS
Input Offset Voltage
3.3
µV
⁄month
Drift Over Time
IB
Input Bias Current
0.5
pA
IOS
Input Offset Current
0.25
pA
CMRR
Common-Mode Rejection Ratio
0V ≤ VCM ≤ 5.0V
70
dB
PSRR
Positive Power Supply
VV+ = 5.0V to 10V
90
dB
Rejection Ratio
AVOL
Gain
125
dB
VOH
Output Voltage (High)
MIC7211, ILOAD = 5mA
4.9
4.95
V
VOL
Output Voltage (Low)
ILOAD = 5mA
0.05
0.1
V
IS
Supply Current
VOUT = low
7
14
µA
ISC
Short Circuit Current
MIC7211, sourcing
150
mA
sinking
110
mA
DC Electrical Characteristics (10V)
VV+ = +10V, VV– = 0V, VCM = VOUT = VV+/2; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; Note 7; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOS
Input Offset Voltage
2
10
mV
TCVOS
Input Offset Voltage
1
µV/°C
Temperature Drift
TCVOS
Input Offset Voltage
3.3
µV
⁄month
Drift Over Time
IB
Input Bias Current
0.5
pA
IOS
Input Offset Current
0.25
pA
CMRR
Common-Mode Rejection Ratio
0V ≤ VCM ≤ 10V
75
dB
PSRR
Positive Power Supply
VV+ = 5.0V to 10V
90
dB
Rejection Ratio
AVOL
Gain
125
dB
VOH
Output Voltage (High)
MIC7211, ILOAD = 5mA
9.9
9.95
V
VOL
Output Voltage (Low)
ILOAD = 5mA
0.05
0.1
V
IS
Supply Current
VOUT = low
12
25
µA
ISC
Short Circuit Current
MIC7211, sourcing
165
mA
sinking
125
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com