Electronic Components Datasheet Search
  English  ▼

X  

MIC9130YM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC9130YM
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130YM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC9130YM Datasheet HTML 1Page - Micrel Semiconductor MIC9130YM Datasheet HTML 2Page - Micrel Semiconductor MIC9130YM Datasheet HTML 3Page - Micrel Semiconductor MIC9130YM Datasheet HTML 4Page - Micrel Semiconductor MIC9130YM Datasheet HTML 5Page - Micrel Semiconductor MIC9130YM Datasheet HTML 6Page - Micrel Semiconductor MIC9130YM Datasheet HTML 7Page - Micrel Semiconductor MIC9130YM Datasheet HTML 8Page - Micrel Semiconductor MIC9130YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MIC9130
Micrel, Inc.
M9999-111108
2
November 2008
Pin Description
Pin Number
Pin Name
Pin Function
1
LINE
Line (Input): 180Vdc maximum supply input. May be floated if unused.
2
VCC
Supply (Input): MIC9130 internal supply input.
3
RBIAS
Bias Resistor (External Component): Connect 562KΩ to ground.
4
OSC
Oscillator RC Network (External Components): Connect external resistor-
capacitor network to set oscillator frequency.
5
SYNC
Synchronization (Input): External oscillator input for slave operation of
controller. See OSC. Do not float.
6
COMP
Compensation (External Components): Error amplifier output for external
compensation network connection.
7
FB
Feedback (Input): Error amplifier inverting input.
8
CPWR
Current Limit Selection (Input): When CPWR is high, an over-current
condition at the ISNS input will terminate the gate drive and reset the
soft-start latch. If the CPWR pin is low, an over-current condition at the ISNS
input will terminate the gate drive signal, but will not cause a reset of the
soft-start circuit.
9
VBIAS
Reference (Output): Internal 5V supply. Will source 5mA maximum.
10
EN
Enable (Input): Logic level enable/shutdown input; logic high = enabled (on),
logic low = shutdown (off).
11
AGND
Analog Ground (Return)
12
SS
Soft-Start (External Components): Connect external capacitor to slowly ramp
up duty cycle during startup and over-current conditions.
13
UVLO
Undervoltage Lockout (External Components): Connect to unbiased resistive
divider network to set controller’s minimum operating voltage. Connect to
VBIAS if not needed.
14
ISNS
Current Sense (Input): Connect between external switching MOSFET source
and switch current sense resistor.
15
PGND
Power Ground (Return)
16
OUT
Switch Drive Output (Output): Connect to gate of external switching
MOSFET.
Pin Configuration
2
VCC
3
RBIAS
4
OSC
5
SYNC
6
COMP
7
FB
1
LINE
8
CPWR
OUT
16
PGND
15
ISNS
14
UVLO
13
SS
12
AGND
11
10
9 VBIAS
EN
16-Pin SOP (M)
16-Pin QSOP (QS)
Ordering Information
Part Number
Max. Duty Cycle Junction Temp. Range
Package
Standard
Pb-Free
MIC9130BM
MIC9130YM
50%
-40°C to +125°C
16-Pin SOP
MIC9130BQS
MIC9130YQS
50%
-40°C to +125°C
16-Pin QSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com