Electronic Components Datasheet Search
  English  ▼

X  

MIC22601YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC22601YML
Description  4 MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22601YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC22601YML Datasheet HTML 1Page - Micrel Semiconductor MIC22601YML Datasheet HTML 2Page - Micrel Semiconductor MIC22601YML Datasheet HTML 3Page - Micrel Semiconductor MIC22601YML Datasheet HTML 4Page - Micrel Semiconductor MIC22601YML Datasheet HTML 5Page - Micrel Semiconductor MIC22601YML Datasheet HTML 6Page - Micrel Semiconductor MIC22601YML Datasheet HTML 7Page - Micrel Semiconductor MIC22601YML Datasheet HTML 8Page - Micrel Semiconductor MIC22601YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
MIC22601
May 2009
2
M9999-050509-A
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
Lead Finish
MIC22601YML
Adj.
–40° to +125°C
24-Pin 4x4 MLF
®
Pb-Free
Note
: MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
PVIN
EN
DELAY
RC
POR
PVIN
PVIN
SVIN
SGND
COMP
FB
PVIN
EP
24-Pin 4mm x 4mm MLF
® (ML)
Pin Description
Pin Number
Pin Name
Pin Name
1, 6, 13, 18
PVIN
Power Supply Voltage (Input): Requires bypass capacitor to GND.
17
SVIN
Signal Power Supply Voltage (Input): Requires bypass capacitor-to-
GND.
2
EN
Enable/Delay (Input): This pin has a 1.24V band gap reference. When
the pin is pulled higher than this the part will start up. Below this voltage
the device is in its low quiescent current mode. The pin has a 1µA
current source charging it to VIN. By adding a capacitor to this pin a
delay may easily be generated. The enable function will not operate with
an input voltage lower than the min specified.
4
RC
Ramp Control: A capacitor-to-ground from this pin determines the slew
rate of the output voltage during start-up. This can be used for tracking
capability as well as soft start.
14
FB
Feedback: Input to the error amplifier, connect to the external resistor
divider network to set the output voltage.
15
COMP
Compensation pin (Input): Place a RC-to-GND to compensate the
device, refer to the applications section.
5
POR/PG
Power On Reset (Output): Open-drain output device indicates when the
output is out of regulation and is active after the delay set by the delay
pin. High when the Power is Good
7, 12, 19, 24
PGND
Power Ground (Signal): Ground
16
SGND
Signal Ground (Signal): Ground
3
DELAY
Delay (Input): Add a capacitor to set the delay from FB reaching 90%
nominal to POR asserting high.
8, 9, 10, 11,
20, 21, 22, 23
SW
Switch (Output): Internal power MOSFET output switches.
EP
GND
Exposed Pad (Power): Must make a full connection to a GND plane for
full output power to be realized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com