Electronic Components Datasheet Search
  English  ▼

X  

MIC22602 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC22602
Description  1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22602 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC22602 Datasheet HTML 1Page - Micrel Semiconductor MIC22602 Datasheet HTML 2Page - Micrel Semiconductor MIC22602 Datasheet HTML 3Page - Micrel Semiconductor MIC22602 Datasheet HTML 4Page - Micrel Semiconductor MIC22602 Datasheet HTML 5Page - Micrel Semiconductor MIC22602 Datasheet HTML 6Page - Micrel Semiconductor MIC22602 Datasheet HTML 7Page - Micrel Semiconductor MIC22602 Datasheet HTML 8Page - Micrel Semiconductor MIC22602 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Micrel, Inc.
MIC22602
October 2009
3
M9999-102809-A
Absolute Maximum Ratings
(1)
Supply Voltage (PVIN, SVIN) .............................. –0.3V to 6V
Output Switch Voltage (VSW) ............................. –0.3V to 6V
Output Switch Current (ISW).......................Internally Limited
Logic Input Voltage (EN, POR, DLY) ................ –0.3V to VIN
Control Voltage (RC, COMP, FB) ..................... –0.3V to VIN
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(3).................................................................. 2kV
Lead Temperature (Soldering 10sec) ........................ 260°C
Operating Ratings
(2)
Supply Voltage (VIN)......................................... 2.6V to 5.5V
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Thermal Resistance
4x4 MLF-24 (
θJC) ...............................................14°C/W
4x4 MLF-24 (
θJA) ...............................................40°C/W
Electrical Characteristics
(4)
TA = 25°C with VIN = VEN = 3.3V; VOUT = 1.8V, unless otherwise specified. Bold values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.6
5.5
V
VIN Turn-ON Voltage Threshold
VIN Rising
2.4
2.5
2.6
V
UVLO Hysteresis
280
mV
Quiescent Current, PWM Mode
VEN ≥1.34V; VFB = 0.9V (not switching)
850
1300
µA
Shutdown Current
VEN = 0V
5
10
µA
Feedback Voltage
± 2% (over temperature)
0.686
0.7
0.714
V
FB Pin Input Current
1
nA
Current Limit
VFB = 0.5
6
10
14
A
Output Voltage Line Regulation
VOUT 1.8V, VIN = 2.6 to 5.5V, ILOAD= 100mA
0.2
%
Output Voltage Load Regulation
100mA < ILOAD < 6A, VIN = 3.3V
0.2
%
Maximum Duty Cycle
VFB ≤ 0.5V
100
%
Switch ON-Resistance PFET
Switch ON-Resistance NFET
ISW = 1000mA; VFB=0.5V
ISW = 1000mA; VFB=0.9V
0.03
0.025
Ω
Ω
Oscillator Frequency
0.8
1
1.2
MHz
EN Threshold Voltage
1.14
1.24
1.34
V
EN Source Current
VIN = 2.6 to VIN = 5.5V
0.7
1
1.3
µA
RC Pin IRAMP
Ramp Control Current
0.7
1
1.3
µA
Power On Reset IPG(LEAK)
VPORH = 5.5V; POR = High
1
2
µA
µA
Power On Reset VPG(LO)
Output Logic-Low Voltage (undervoltage condition),
IPOR = 5mA
130
mV
Threshold, % of VOUT below nominal
7.5
10
12.5
%
Power On Reset VPG
Hysteresis
2
%
Over-Temperature Shutdown
160
°C
Over-Temperature Shutdown
Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com