Electronic Components Datasheet Search
  English  ▼

X  

MIC22602YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC22602YML
Description  1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22602YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC22602YML Datasheet HTML 1Page - Micrel Semiconductor MIC22602YML Datasheet HTML 2Page - Micrel Semiconductor MIC22602YML Datasheet HTML 3Page - Micrel Semiconductor MIC22602YML Datasheet HTML 4Page - Micrel Semiconductor MIC22602YML Datasheet HTML 5Page - Micrel Semiconductor MIC22602YML Datasheet HTML 6Page - Micrel Semiconductor MIC22602YML Datasheet HTML 7Page - Micrel Semiconductor MIC22602YML Datasheet HTML 8Page - Micrel Semiconductor MIC22602YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Micrel, Inc.
MIC22602
October 2009
4
M9999-102809-A
Typical Characteristics
0
2
4
6
8
10
TEMPERATURE (°C)
Shutdown Current
vs. Temperature
EN = 0V
V
IN
= 3.3V
800
810
820
830
840
850
860
870
880
890
900
TEMPERATURE (°C)
Quiescent Current
vs. Temperature
EN > 1.34V
V
FB
= 0.9V
V
IN
= 3.3V
No Switching
0.6980
0.6981
0.6982
0.6983
0.6984
0.6985
0.6986
0.6987
0.6988
0.6989
0.6990
2.5
3
3.544.5
55.5
INPUT VOLTAGE (V)
Feedback Voltage
vs. Input Voltage
EN = V
IN
V
IN
= 3.3V
AMB = 25°C
0.695
0.696
0.697
0.698
0.699
0.700
0.701
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
V
IN
= 3.3V
EN = V
IN
1.235
1.236
1.237
1.238
1.239
1.24
1.241
1.242
1.243
1.244
1.245
TEMPERATURE (C)
Enable Voltage
vs. Temperature
V
IN
= 3.3V
0.0050
0.0055
0.0060
0.0065
0.0070
0.0075
0.0080
0.0085
0.0090
0.0095
0.0100
TEMPERATURE (°C)
Enable Hysteresis
vs. Temperature
V
IN
= 3.3V
980
985
990
995
1000
1005
1010
1015
1020
TEMPERATURE (°C)
Frequency
vs. Temperature
V
IN
= 3.3V
EN = V
IN
980
990
1000
1010
1020
1030
1040
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Frequency
vs. Input Voltage
EN = V
IN
20
22
24
26
28
30
32
34
36
38
40
2.5
3
3.544.5
55.5
INPUT VOLTAGE (V)
P-Channel R
DSON
vs. Input Voltage
EN = V
IN
600
700
800
900
1000
1100
1200
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
EN > 1.34V
V
FB
= 0.9V
No Switching
4.0
4.5
5.0
5.5
6.0
6.5
7.0
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
EN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com