Electronic Components Datasheet Search
  English  ▼

X  

MIC22700YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC22700YML
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22700YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC22700YML Datasheet HTML 1Page - Micrel Semiconductor MIC22700YML Datasheet HTML 2Page - Micrel Semiconductor MIC22700YML Datasheet HTML 3Page - Micrel Semiconductor MIC22700YML Datasheet HTML 4Page - Micrel Semiconductor MIC22700YML Datasheet HTML 5Page - Micrel Semiconductor MIC22700YML Datasheet HTML 6Page - Micrel Semiconductor MIC22700YML Datasheet HTML 7Page - Micrel Semiconductor MIC22700YML Datasheet HTML 8Page - Micrel Semiconductor MIC22700YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MIC22700
1MHz, 7A Integrated Switch High-
Efficiency Synchronous Buck Regulator
Ramp Control is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The Micrel MIC22700 is a high-efficiency, 7A, integrated
switch, synchronous buck (step-down) regulator. The
MIC22700 is optimized for highest efficiency, achieving
more than 95% efficiency while still switching at 1MHz
over a broad range. The device works with a small 1µH
inductor and 100µF output capacitor. The ultra-high speed
control loop keeps the output voltage within regulation
even under extreme transient load swings commonly
found in FPGAs and low-voltage ASICs. The output
voltage can be adjusted down to 0.7V to address all low
voltage power needs. The MIC22700 offers a full range of
sequencing and tracking options. The Enable/Delay pin
combined with the Power Good/POR pin allows multiple
outputs to be sequenced in any way during turn-on and
turn-off. The RC (Ramp Control™) pin allows the device to
be connected to another product in the MIC22xxx and/or
MIC68xxx family, to keep the output voltages within a
certain ∆V on start up.
The MIC22700 is available in a 24-pin 4mm x 4mm MLF
®
with a junction operating range from –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 2.6V to 5.5V
• Output voltage adjustable down to 0.7V
• Output load current up to 7A
• Full sequencing and tracking capability
• Power-on-Reset/Power Good output
• Efficiency > 95% across a broad load range
• Ultra fast transient response
–
Easy RC compensation
• 100% maximum duty cycle
• Fully integrated MOSFET switches
• Micropower shutdown
• Thermal shutdown and current-limit protection
• 24-pin 4mm x 4mm MLF®
• –40°C to +125°C junction temperature range
Applications
• High power density point-of-load conversion
• Servers and routers
• DVD recorders / Blu-Ray players
• Computing peripherals
• Base stations
• FPGAs, DSP and low voltage ASIC power
Typical Application
MIC22700 7A 1MHz Synchronous Output Converter
50
55
60
65
70
75
80
85
90
95
100
0
1234567
LOAD CURRENT (A)
Efficiency @ 3.3VOUT
VIN = 5.5V
Sequencing & Tracking
March 2010
M9999-031810-B


Similar Part No. - MIC22700YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22700YML MICREL-MIC22700YML Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
More results

Similar Description - MIC22700YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
High Efficiency 1MHz Synchronous Buck Regulator
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22700 MICREL-MIC22700 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
4A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_11 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com