Electronic Components Datasheet Search
  English  ▼

X  

MIC27600 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC27600
Description  36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC27600 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC27600 Datasheet HTML 9Page - Micrel Semiconductor MIC27600 Datasheet HTML 10Page - Micrel Semiconductor MIC27600 Datasheet HTML 11Page - Micrel Semiconductor MIC27600 Datasheet HTML 12Page - Micrel Semiconductor MIC27600 Datasheet HTML 13Page - Micrel Semiconductor MIC27600 Datasheet HTML 14Page - Micrel Semiconductor MIC27600 Datasheet HTML 15Page - Micrel Semiconductor MIC27600 Datasheet HTML 16Page - Micrel Semiconductor MIC27600 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Micrel, Inc.
MIC27600
October 2010
13
M9999-101310
Functional Description
The MIC27600 is an adaptive ON-time synchronous
step-down DC-DC regulator. It is designed to operate
over a wide input voltage range from, 4.5V to 36V, and
provides a regulated output voltage at up to 7A of output
current. A digitally modified adaptive ON-time control
scheme is employed in to obtain a constant switching
frequency and to simplify the control compensation.
Over-current protection is implemented without the use
of an external sense resistor. The device includes an
internal soft-start function which reduces the power
supply input surge current at start-up by controlling the
output voltage rise time.
Theory of Operation
Figure 1 illustrates the block diagram for the control loop
of the MIC27600. The output voltage is sensed by the
MIC27600 feedback pin FB via the voltage divider R1
and R2, and compared to a 0.8V reference voltage VREF
at
the
error
comparator
through
a
low
gain
transconductance (gm) amplifier. If the feedback voltage
decreases and the output of the gm amplifier is below
0.8V, then the error comparator will trigger the control
logic and generate an ON-time period. The ON-time
period length is predetermined by the “FIXED tON
ESTIMATION” circuitry:
300kHz
V
V
t
IN
OUT
ed)
ON(estimat
×
=
Eq. 1
where VOUT is the output voltage and VIN is the power
stage input voltage.
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in
most cases. When the feedback voltage decreases and
the output of the gm amplifier is below 0.8V, the ON-time
period is triggered and the OFF-time period ends. If the
OFF-time period determined by the feedback voltage is
less than the minimum OFF-time tOFF(min), which is about
360ns, then the MIC27600 control logic will apply the
tOFF(min) instead. tOFF(min) is required to maintain enough
energy in the boost capacitor (CBST) to drive the high-
side MOSFET. The maximum duty cycle is obtained
from the 360ns tOFF(min):
S
S
OFF(min)
S
max
t
360ns
1
t
t
t
D
−
=
−
=
Eq. 2
where tS = 1/300kHz = 3.33μs. It is not recommended to
use MIC27600 with a OFF-time close to tOFF(min) during
steady-state operation. Also, as VOUT increases, the
internal ripple injection will increase and reduce the line
regulation performance. Therefore, the maximum output
voltage of the MIC27600 should be limited to 5.5V.
Please refer to “Setting Output Voltage” subsection in
Application Information
for more details.
The actual ON-time and resulting switching frequency
will vary with the part-to-part variation in the rise and fall
times of the internal MOSFETs, the output load current,
and variations in the VDD voltage. Also, the minimum tON
results in a lower switching frequency in high VIN to VOUT
applications, such as 26V to 1.0V. The minimum tON
measured on the MIC27600 evaluation board is about
184ns. During load transients, the switching frequency is
changed due to the varying OFF-time.
To illustrate, the control loop operation will be analyzed
in both steady-state and load transient scenarios. For
easy analysis, the gain of the gm amplifier is assumed to
be 1. With this assumption, the inverting input of the
error comparator is the same as the feedback voltage.
Figure 2 shows the MIC27600 control loop timing during
steady-state operation. During steady-state, the gm
amplifier senses the feedback voltage ripple, which is
proportional to the output voltage ripple and the inductor
current ripple, to trigger the ON-time period. The ON-
time is predetermined by the tON estimator. The
termination of the OFF-time is controlled by the feedback
voltage. At the valley of the feedback voltage ripple,
which occurs when VFB falls below VREF, the OFF period
ends and the next ON-time period is triggered through
the control logic circuitry.
Figure 2. MIC27600 Control Loop Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com