Electronic Components Datasheet Search
  English  ▼

X  

MIC61300YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC61300YML
Description  Low Input Voltage, Single-Supply High-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC61300YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC61300YML Datasheet HTML 1Page - Micrel Semiconductor MIC61300YML Datasheet HTML 2Page - Micrel Semiconductor MIC61300YML Datasheet HTML 3Page - Micrel Semiconductor MIC61300YML Datasheet HTML 4Page - Micrel Semiconductor MIC61300YML Datasheet HTML 5Page - Micrel Semiconductor MIC61300YML Datasheet HTML 6Page - Micrel Semiconductor MIC61300YML Datasheet HTML 7Page - Micrel Semiconductor MIC61300YML Datasheet HTML 8Page - Micrel Semiconductor MIC61300YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MIC61300
Low Input Voltage, Single-Supply
High-Current LDO
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The Micrel MIC61300 is a 3A output, low input voltage,
single-supply regulator. This regulator operates over a
single input voltage range of 1.1V to 3.6V and offers an
ultra-low dropout less than 350mV over the entire
operating temperature range.
The MIC61300 is designed to drive digital circuits requiring
low voltages at high currents such as DSPs, FPGAs,
microcontrollers, etc. The regulator is available as a 1.0V
fixed-output voltage option or as an adjustable-output
voltage option.
The MIC61300 is stable with a 47µF, low-ESR ceramic
output capacitor, and includes protection features such as
thermal shutdown, current limiting and logic enable.
The MIC61300 is offered in two different packages: a low-
profile, leadless 10-pin 3mm x 3mm MLF
® and a 10-pin
ePad MSOP. The MIC61300 has an operating junction
temperature range of
−40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Single VIN rail: 1.1V to 3.6V
• Output voltage accuracy: ±2.5% over temperature
• Typical dropout of 150mV at room temperature
–
Maximum dropout of 350mV at full load over
temperature
• Output voltage adjustable down to 0.5V
• Soft-start control via external capacitor
• Excellent line and load regulation
• Logic controlled shutdown
• Thermal-shutdown and current-limit protection
• 10-pin 3mm × 3mm MLF® package
• 10-pin ePad MSOP package
• Junction temperature range from −40°C to +125°C
Applications
• Point-of-load applications
• ASIC / Microprocessor power supply
• FPGA power supply
• Telecom / Networking cards
• Wireless infrastructure
____________________________________________________________________________________________________________
Typical Application
Dropout Voltage
vs. Output Current
0
50
100
150
200
0.0
1.0
2.0
3.0
OUTPUT CURRENT (A)
VIN = 1.5V
VFB = 0V
TA = 25ºC
September 2010
M9999-092910-A


Similar Part No. - MIC61300YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC61300YML MICREL-MIC61300YML Datasheet
1,003Kb / 22P
Low Input Voltage, Single-Supply High-Current LDO
More results

Similar Description - MIC61300YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC61150 MICREL-MIC61150 Datasheet
1Mb / 22P
Low Input Voltage, Single-Supply High-Current LDO
MIC61300 MICREL-MIC61300_11 Datasheet
1,003Kb / 22P
Low Input Voltage, Single-Supply High-Current LDO
logo
Will Semiconductor Ltd.
WL2851E WILLSEMI-WL2851E Datasheet
631Kb / 9P
High Input Voltage, Low Quiescent Current LDO
WL2851K WILLSEMI-WL2851K Datasheet
513Kb / 9P
High Input Voltage, Low Quiescent Current LDO
WL2852K WILLSEMI-WL2852K Datasheet
919Kb / 12P
High Input Voltage, Low Quiescent Current LDO
WL2853K WILLSEMI-WL2853K Datasheet
1Mb / 12P
High Input Voltage, Low Quiescent Current LDO
WL2861K WILLSEMI-WL2861K Datasheet
574Kb / 10P
High Input Voltage, Low Quiescent Current LDO
WL2862E WILLSEMI-WL2862E Datasheet
1Mb / 12P
High Input Voltage, Low Quiescent Current LDO
WL2862K WILLSEMI-WL2862K Datasheet
1Mb / 12P
High Input Voltage, Low Quiescent Current LDO
logo
Nisshinbo Micro Devices...
R1518X NISSHINBO-R1518X Datasheet
2Mb / 38P
1 A 36V Input Low Supply Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com