Electronic Components Datasheet Search
  English  ▼

X  

MIC68200YML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC68200YML
Description  2A Sequencing LDO with Tracking and Ramp Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC68200YML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC68200YML Datasheet HTML 8Page - Micrel Semiconductor MIC68200YML Datasheet HTML 9Page - Micrel Semiconductor MIC68200YML Datasheet HTML 10Page - Micrel Semiconductor MIC68200YML Datasheet HTML 11Page - Micrel Semiconductor MIC68200YML Datasheet HTML 12Page - Micrel Semiconductor MIC68200YML Datasheet HTML 13Page - Micrel Semiconductor MIC68200YML Datasheet HTML 14Page - Micrel Semiconductor MIC68200YML Datasheet HTML 15Page - Micrel Semiconductor MIC68200YML Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Micrel, Inc.
MIC68200
February 2011
13
M9999-022311-E
Ramp Up: Cap Controlled Slew Rate
If a capacitor is connected to RC, the bidirectional
current source will charge the cap during startup and
discharge the cap during shutdown. The size of the
capacitor and the RC current (1µA nom) control the
slew rate of the output voltage during startup. For
example, to ramp up a 1.8V regulator from zero to full
output in 10mSec requires a 5.6nF capacitor.
For Fixed Versions:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
A
1
C
V
T
RC
OUT
RC
μ
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
RC
ON
C
A
1
SR
μ
Similarly, to slew an adjustable (any output voltage)
from 0 to full output in 10mSec requires a 20nF cap.
For Adjustable Versions:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
A
1
C
V
5
.
0
T
RC
RC
μ
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
RC
OUT
ON
C
A
1
2V
SR
μ
Ramp Down: Turn Off Slew Rate
When EN is lowered and the DLY pin has discharged,
the RC pin and the OUT pin slew toward zero. For
fixed voltage devices, the RC pin slew rate is 2 to 3
times the SRON defined above. For adjustable voltage
devices the RC pin slew is much higher. In both
cases, turn off slew rate may be determined by the
RC pin for low values of output capacitor, or by the
maximum discharge current available at the output for
large values of output capacitor. Turn off slew rate is
not a specified characteristic of the MIC68200.
Sequencing Configurations
Sequencing refers to timing based Master/Slave
control between regulators. It allows a Master device
to control the start and stop timing of a single or
multiple Slave devices. In typical sequencing the
Master POR drives the Slave EN. The sequence
begins with the Master EN driven high. The Master
output ramps up and triggers the Master DLY when
the Master output reaches 90%. The Master DLY then
determines when the POR is released to enable the
Slave device. When the Master EN is driven low, the
Master POR is immediately pulled low causing the
Slave to ramp down. However, the Master output will
not ramp down until the Master DLY has fully
discharged. In this way, the Master power can remain
good after the Slave has been ramped down.
In sequencing configurations the Master DLY controls
the turn-on time of the Slave and the Slave DLY
controls the turn-off time of the Slave.
Sequencing Connections
IN
EN
OUT
POR
GND
MIC68200-1.8YML
CDlyM
RC
DLY
IN
EN
OUT
POR
GND
MIC68200-1.2YML
RC
DLY
4.7
μF
VIN = 2.5V
CDlyS
I/O
μProcessor
Core
/RESET
4.7
μF
EN
10K
10K
U1
Master
U2
Slave
Delayed Sequencing
CDlyS > CDlyM
[CDlyS=2nF; CDlyM=1nF]
Windowed Sequencing
CDlyS < CDlyM
[CDlyS=1nF; CDlyM=2nF]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com